Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28341ZC-2T Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # CY28341ZC-2T
Description  Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28341ZC-2T Datasheet(HTML) 6 Page - SpectraLinear Inc

Back Button CY28341ZC-2T Datasheet HTML 2Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 3Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 4Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 5Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 6Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 7Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 8Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 9Page - SpectraLinear Inc CY28341ZC-2T Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY28341-2
Rev 1.0, November 21, 2006
Page 6 of 18
Byte 2: PCI Clock Register
Bit
@Pup
Pin#
Name
Description
7
0
PCI_DRV
PCI clock output drive strength 0 = Low strength, 1 = High strength
6
1
10
PCI_F
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
5
1
18
PCI6
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
4
1
17
PCI5
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
3
1
15
PCI4
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
2
1
14
PCI3
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
1
1
12
PCI2
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
0
1
11
PCI1
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
Byte 3: AGP/Peripheral Clocks Register
Bit
@Pup
Pin#
Name
Description
70
21
24_48M
0 = pin21 output is 24 MHz. Writing a '1' into this register asynchronously
changes the frequency at pin21 to 48 MHz.
6
1
20
48MHz
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
5
1
21
24_48M
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
4
0
6,7,8
DASAG1
Programming these bits allow shifting skew of the AGP(0:2) signals relative to
their default value. See Table 5.
3
0
6,7,8
DASAG0
2
1
8
AGP2
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
1
1
7
AGP1
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
0
1
6
AGP0
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
Table 5. Dial-a-Skew
AGP(0:2)
DASAG (1:0)
AGP(0:2) Skew Shift
00
Default
01
–280 ps
10
+280 ps
11
+480 ps
Byte 4: Peripheral Clocks Register
Bit
@Pup
Pin#
Name
Description
7
1
20
48M
1 = Low strength, 0 = High strength
1 = strength x 1. 0= strength x 2
6
1
21
24_48M
1 = Low strength, 0 = High strength
1 = strength x 1. 0= strength x 2
5
0
6,7,8
DARAG1
Programming these bits allow modifying the frequency ratio of the AGP(2:0),
PCI(6:1, F) clocks relative to the CPU clocks. See Table 6.
4
0
6,7,8
DARAG0
3
1
1
REF0
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
2
1
56
REF1
1 = Output enabled (running). 0 = Output disabled asynchronously in a low state.
1
1
1
REF0
1 = Low strength, 0 = High strength
0
1
56
REF1
1 = Low strength, 0 = High strength (K7 Mode only)
Table 6. Dial-A-Ratio
AGP(0:2)
DARAG (1:0)
CU/AGP Ratio
00
Frequency Selection Default
01
2/1
10
2.5/1
11
3/1


Similar Part No. - CY28341ZC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341ZC-2T CYPRESS-CY28341ZC-2T Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
More results

Similar Description - CY28341ZC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com