Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28341OC-3T Datasheet(PDF) 4 Page - SpectraLinear Inc

Part # CY28341OC-3T
Description  Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28341OC-3T Datasheet(HTML) 4 Page - SpectraLinear Inc

  CY28341OC-3T Datasheet HTML 1Page - SpectraLinear Inc CY28341OC-3T Datasheet HTML 2Page - SpectraLinear Inc CY28341OC-3T Datasheet HTML 3Page - SpectraLinear Inc CY28341OC-3T Datasheet HTML 4Page - SpectraLinear Inc CY28341OC-3T Datasheet HTML 5Page - SpectraLinear Inc CY28341OC-3T Datasheet HTML 6Page - SpectraLinear Inc CY28341OC-3T Datasheet HTML 7Page - SpectraLinear Inc CY28341OC-3T Datasheet HTML 8Page - SpectraLinear Inc CY28341OC-3T Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CY28341-3
Rev 1.0, November 21, 2006
Page 4 of 19
Table 2. Command Code Definition
Bit
Description
7
0 = Block read or block write operation
1 = Byte read or byte write operation
(6:0)
Byte offset for byte read or byte write operation.
For block read or block write operations, these
bits should be '0000000'
Table 3. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'00000000' stands for block operation
11:18
Command Code – 8 bits
'00000000' stands for block operation
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Byte Count – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29:36
Data byte 1 – 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
38:45
Data byte 2 – 8 bits
30:37
Byte count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge from master
....
......................
39:46
Data byte from slave – 8 bits
....
Data Byte (N–1) –8 bits
47
Acknowledge from master
....
Acknowledge from slave
48:55
Data byte from slave – 8 bits
....
Data Byte N –8 bits
56
Acknowledge from master
....
Acknowledge from slave
....
Data byte N from slave – 8 bits
....
Stop
....
Acknowledge from master
....
Stop
Table 4. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
'100xxxxx' stands for byte operation, bits[4:0] of the
command code represents the offset of the byte to be
accessed
11:18
Command Code – 8 bits
'100xxxxx' stands for byte operation, bits[4:0] of the
command code represents the offset of the byte to be
accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte from master – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits


Similar Part No. - CY28341OC-3T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341OC-3T CYPRESS-CY28341OC-3T Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
More results

Similar Description - CY28341OC-3T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com