Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28341ZC Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # CY28341ZC
Description  Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28341ZC Datasheet(HTML) 1 Page - SpectraLinear Inc

  CY28341ZC Datasheet HTML 1Page - SpectraLinear Inc CY28341ZC Datasheet HTML 2Page - SpectraLinear Inc CY28341ZC Datasheet HTML 3Page - SpectraLinear Inc CY28341ZC Datasheet HTML 4Page - SpectraLinear Inc CY28341ZC Datasheet HTML 5Page - SpectraLinear Inc CY28341ZC Datasheet HTML 6Page - SpectraLinear Inc CY28341ZC Datasheet HTML 7Page - SpectraLinear Inc CY28341ZC Datasheet HTML 8Page - SpectraLinear Inc CY28341ZC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Universal Single-Chip Clock Solution for VIA P4M266/KM266
DDR Systems
CY28341
Rev 1.0, November 20, 2006
Page 1 of 19
2200 Laurelwood Road, Santa Clara, CA 95054
Tel:(408) 855-0555
Fax:(408) 855-0550
www.SpectraLinear.com
Features
• Supports VIA
P4M266/KM266 chipsets
• Supports Pentium® 4, Athlon™ processors
• Supports two DDR DIMMS
• Supports three SDRAMS DIMMS at 100 MHz
• Provides:
— Two different programmable CPU clock pairs
— Six differential SDRAM DDR pairs
— Three low-skew/low-jitter AGP clocks
— Seven low-skew/low-jitter PCI clocks
— One 48M output for USB
— One programmable 24M or 48M for SIO
• Dial-a-Frequency™ and Dial-a-dB
features
• Spread Spectrum for best electromagnetic interference
(EMI) reduction
• Watchdog feature for systems recovery
• SMBus-compatible for programmability
• 56-pin SSOP and TSSOP packages
Note:
1. Pins marked with [*] have internal pull-up resistors. Pins marked with [**] have internal pull-down resistors.
Table 1. Frequency Selection Table
FS(3:0)
CPU
AGP
PCI
0000
66.80
66.80
33.40
0001
100.00
66.80
33.40
0010
120.00
60.00
30.00
0011
133.33
66.67
33.33
0100
72.00
72.00
36.00
0101
105.00
70.00
35.00
0110
160.00
64.00
32.00
0111
140.00
70.00
35.00
1000
77.00
77.00
38.50
1001
110.00
73.33
36.67
1010
180.00
60.00
30.00
1011
150.00
60.00
30.00
1100
90.00
60.00
30.00
1101
100.00
66.67
33.33
1100
200.00
66.67
33.33
1111
133.33
66.67
33.33
BlockDiagram
Pin Configuration[1]
PLL1
S2D
CONVERT
SMBus
WD
CPUCS_T/C
VDDC
VDDI
CPU(0:1)/CPU0D_T/C
SELP4_K7#
PCI(3:6)
PCI_F
FS1
REF(0:1)
VDDR
FS0
48M
24_48M
FBOUT
DDRT(0:5)/SDRAM(0,2,4,6,8,10)
SCLK
SDATA
PD#
AGP(0:2)
VDDAGP
VDD48M
VDDD
XTAL
XOUT
XIN
FS2
PCI2
PCI1
VDDPCI
PLL2
SRESET#
/ 2
Buf_IN
REF0
FS3
MULTSEL
SELSDR_DDR
DDRC(0:5)/SDRAM(1,3,5,7,9,11)
WDEN
56 pin SSOP
VSSR
*FS0/REF0
XIN
XOUT
VDDAGP
AGP0
*SELP4_K7/AGP1
VSSAGP
AGP2
**SELSDR_DDR/PCI1
*MULTSEL/PCI2
VSSPCI
PCI3
PCI4
VDDPCI
PCI5
PCI6
VSS48M
**FS3/48M
**FS2/24_48M
VDD48M
VDD
VSS
IREF
*PD#/SRESET#
SCLK
SDATA
**FS1/PCI_F
VDDR
VTTPWRGD#/REF1
VSSC
CPUT/CPUOD_T
CPUC/CPUOD_C
VDDC
VDDI
CPUCS_T
CPUCS_C
FBOUT
BUF_IN
DDRT0/SDRAM0
DDRC0/SDRAM1
DDRT1/SDRAM2
DDRC1/SDRAM3
VDDD
VSSD
DDRT2/SDRAM4
DDRC2/SDRAM5
DDRT3/SDRAM6
DDRC3/SDRAM7
VDDD
VSSD
DDRT4/SDRAM8
DDRC4/SDRAM9
DDRT5/SDRAM10
DDRC5/SDRAM11
VSSI
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29


Similar Part No. - CY28341ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28341ZC CYPRESS-CY28341ZC Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
SpectraLinear Inc
CY28341ZC-2 SPECTRALINEAR-CY28341ZC-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341ZC-2 CYPRESS-CY28341ZC-2 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341ZC-2T SPECTRALINEAR-CY28341ZC-2T Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341ZC-2T CYPRESS-CY28341ZC-2T Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
More results

Similar Description - CY28341ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
CY28341-3 CYPRESS-CY28341-3 Datasheet
349Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Texas Instruments
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com