Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28339ZCT Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # CY28339ZCT
Description  Intel CK408 Mobile Clock Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28339ZCT Datasheet(HTML) 6 Page - SpectraLinear Inc

Back Button CY28339ZCT Datasheet HTML 2Page - SpectraLinear Inc CY28339ZCT Datasheet HTML 3Page - SpectraLinear Inc CY28339ZCT Datasheet HTML 4Page - SpectraLinear Inc CY28339ZCT Datasheet HTML 5Page - SpectraLinear Inc CY28339ZCT Datasheet HTML 6Page - SpectraLinear Inc CY28339ZCT Datasheet HTML 7Page - SpectraLinear Inc CY28339ZCT Datasheet HTML 8Page - SpectraLinear Inc CY28339ZCT Datasheet HTML 9Page - SpectraLinear Inc CY28339ZCT Datasheet HTML 10Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CY28339
Rev 1.0, November 25, 2006
Page 6 of 17
Dial-a-Frequency Features
SMBus Dial-a-Frequency feature is available in this device via
Byte8 and Byte9.
P is a large-value PLL constant that depends on the frequency
selection achieved through the hardware selectors (S1, S0).
P value may be determined from Table 2.
Dial-a-dB Features
SMBus Dial-a-dB feature is available in this device via Byte8
and Byte9.
Spread Spectrum Clock Generation (SSCG)
Spread Spectrum is a modulation technique used to
minimizing EMI radiation generated by repetitive digital
signals. A clock presents the greatest EMI energy at the center
frequency it is generating. Spread Spectrum distributes this
energy over a specific and controlled frequency bandwidth
therefore causing the average energy at any one point in this
band to decrease in value. This technique is achieved by
modulating the clock away from its resting frequency by a
certain percentage (which also determines the amount of EMI
reduction). In this device, Spread Spectrum is enabled by
setting specific register bits in the SMBus control bytes.
Table 3 is a listing of the modes and percentages of Spread
Spectrum modulation that this device incorporates.
Special Functions
PCIF and IOAPIC Clock Outputs
The PCIF clock outputs are intended to be used, if required,
for systems IOAPIC clock functionality. Any two of the PCIF
clock outputs can be used as IOAPIC 33-Mhz clock outputs.
They are 3.3V outputs will be divided down via a simple
resistive voltage divider to meet specific system IOAPIC clock
voltage requirements. In the event that these clocks are not
required, they can be used as general PCI clocks or disabled
via the assertion of the PCI_STOP# pin.
3V66_1/VCH Clock Output
The 3V66_1/VCH pin has a dual functionality that is selectable
via SMBus.
Configured as DRCG (66M), SMBus Byte0, Bit 5 = “0”
The default condition for this pin is to power-up in a 66M
operation. In 66M operation this output is SSCG-capable and
when spreading is turned on, this clock will be modulated.
Configured as VCH (48M), SMBus Byte0, Bit 5 = “1”
In this mode, output is configured as a 48-Mhz non-spread
spectrum output that is phase-aligned with other 48M outputs
(USB and DOT) to within 1-ns pin-to-pin skew. The switching
of 3V66_1/VCH into VCH mode occurs at system power-on.
When the SMBus Bit 5 of Byte 0 is programmed from a “0” to
a “1,” the 3V66_1/VCH output may glitch while transitioning to
48M output mode.
PD# (Power-down) Clarification
The PD# (power-down) pin is used to shut off all clocks prior
to shutting off power to the device. PD# is an asynchronous
active LOW input. This signal is synchronized internally to the
device powering down the clock synthesizer. PD# is an
asynchronous function for powering up the system. When PD#
is LOW, all clocks are driven to a LOW value and held there
and the VCO and PLLs are also powered down. All clocks are
shut down in a synchronous manner so has not to cause
glitches while transitioning to the LOW “stopped” state.
PD# Assertion
When PD# is sampled LOW by two consecutive rising edges
of the CPUC clock, then on the next HIGH-to-LOW transition
of PCIF, the PCIF clock is stopped LOW. On the next
HIGH-to-LOW transition of 66BUFF, the 66BUFF clock is
stopped LOW. From this time, each clock will stop LOW on its
next HIGH-to-LOW transition, except the CPUT clock. The
CPU clocks are held with the CPUT clock pin driven HIGH with
a value of 2 × Iref, and CPUC undriven. After the last clock has
stopped, the rest of the generator will be shut down.
Table 2. P Value
S(1:0)
P
0 0
32005333
0 1
48008000
1 0
96016000
1 1
64010667
Table 3. Spread Spectrum
SS2
SS1
SS0
Spread Mode
Spread%
0
0
0
Down
+0.00, –0.25
0
0
1
Down
+0.00, –0.50
0
1
0
Down
+0.00, –0.75
0
1
1
Down
+0.00, –1.00
1
0
0
Center
+0.13, –0.13
1
0
1
Center
+0.25, –0.25
1
1
0
Center
+0.37, –0.37
1
1
1
Center
+0.50, –1.50
Figure 1. Unbuffered Mode – 3V66_0 to PCI and PCIF Phase Relationship
PCI
PCI_F
Tpci
3V66-0


Similar Part No. - CY28339ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28339ZCT CYPRESS-CY28339ZCT Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
More results

Similar Description - CY28339ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2833 CYPRESS-CY2833 Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
logo
Renesas Technology Corp
MK1492-03 RENESAS-MK1492-03 Datasheet
222Kb / 8P
   Intel™ Mobile/SDRAM Clock Source
2019
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
Renesas Technology Corp
SLG84901 RENESAS-SLG84901 Datasheet
816Kb / 22P
   Clock Synthesizer for Intel PCI-Express Gen3 Chipset
February 23, 2023
logo
Cypress Semiconductor
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Cypress Semiconductor
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com