Electronic Components Datasheet Search |
|
CY28329ZCT Datasheet(PDF) 4 Page - SpectraLinear Inc |
|
CY28329ZCT Datasheet(HTML) 4 Page - SpectraLinear Inc |
4 / 16 page CY28329 Rev 1.0, November 24, 2006 Page 4 of 16 Serial Data Interface (SMBus) To enhance the flexibility and function of the clock synthesizer, a two-signal SMBus interface is provided according to SMBus specification. Through the Serial Data Interface, various device functions such as individual clock output buffers, etc. can be individually enabled or disabled. CY28329 support both block read and block write operations. The registers associated with the Serial Data Interface initializes to its default setting upon power-up, and therefore use of this interface is optional. Clock device register changes are normally made upon system initialization, if any are required. The interface can also be used during system operation for power management functions. Data Protocol The clock driver serial protocol accepts only Block Writes from the controller. The bytes must be accessed in sequential order from lowest to highest byte, (most significant bit first) with the ability to stop after any complete byte has been transferred. Indexed bytes are not allowed. A Block write begins with a slave address and a WRITE condition. The R/W bit is used by the SMBus controller as a data direction bit. A zero indicates a WRITE condition to the clock device. The slave receiver address is 11010010 (D2h). A command code of 0000 0000 (00h) and the byte count bytes are required for any transfer. After the command code, the core logic issues a byte count, which describes number of additional bytes required for the transfer, not including the command code and byte count bytes. For example, if the host has 20 data bytes to send, the first byte would be the number 20 (14h), followed by the 20 bytes of data. The byte count byte is required to be a minimum of 1 byte and a maximum of 32 bytes It may not be 0. Figure 1 shows an example of a block write. A transfer is considered valid after the acknowledge bit corre- sponding to the byte count is read by the controller. Data Byte Configuration Map Start bit Slave Address 1 1 0 1 0 0 1 0 R/W 0/1 A Command Code 0 0 0 0 0 0 0 0 A Byte Count = N A Data Byte 0 A . . . Data Byte N-1 A Stop bit 1 bit 7 bits 1 1 8 bits 1 8 bits 1 8 bits 1 8 bits 1 1 bit Figure 1. An Example of a Block Write From Master to Slave From Slave to Master Data Byte 0: Control Register (0 = Enable, 1 = Disable) Bit Affected Pin# Name Description Type Power On Default Bit 7 5, 6, 7, 10, 11, 12, 13, 16, 17, 18, 33, 35 PCI [0:6] CPU[3:0] 3V66[1:0] Spread Spectrum Enable 0 = Spread Off, 1 = Spread On R/W 0 Bit 6 – – Reserved, set = 0 R 0 Bit 5 35 3V66_1/VCH VCH Select 66 MHz/48 MHz 0 = 66 MHz, 1 = 48 MHz R/W 0 Bit 4 – – Reserved R 1 Bit 3 10, 11, 12, 13, 16, 17, 18 PCI [6:0] PCI_STOP#, 0 = stopped, 1 = running (Does not affect PCI_F [2:0] pins) R/W 1 Bit 2 40 S2 S2 Reflects the value of the S2 pin sampled on Power-up RHW Bit 1 55 S1 S1 Reflects the value of the S1 pin sampled on Power-up RHW Bit 0 – – Reserved R 1 |
Similar Part No. - CY28329ZCT |
|
Similar Description - CY28329ZCT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |