Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28339 Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # CY28339
Description  Intel CK408 Mobile Clock Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28339 Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button CY28339 Datasheet HTML 7Page - SpectraLinear Inc CY28339 Datasheet HTML 8Page - SpectraLinear Inc CY28339 Datasheet HTML 9Page - SpectraLinear Inc CY28339 Datasheet HTML 10Page - SpectraLinear Inc CY28339 Datasheet HTML 11Page - SpectraLinear Inc CY28339 Datasheet HTML 12Page - SpectraLinear Inc CY28339 Datasheet HTML 13Page - SpectraLinear Inc CY28339 Datasheet HTML 14Page - SpectraLinear Inc CY28339 Datasheet HTML 15Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY28339
Rev 1.0, November 25, 2006
Page 11 of 17
Charlene: Mult0 is FIXED at 1.
USB_48M and DOT_48M Phase Relationship
The USB_48M and DOT_48M clocks are in phase. It is under-
stood that the difference in edge rate will introduce some
inherent offset. When 3V66_1/VCH clock is configured for
VCH (48-MHz) operation it is also in phase with the USB and
DOT outputs. See Figure 11.
66IN to 66BUFF(0:2) Buffered Prop Delay
The 66IN to 66BUFF(0:2) output delay is shown in
Figure 12.The Tpd is the prop delay from the input pin (66IN)
to the output pins (66BUFF[0:2]). The outputs’ variation of Tpd
is described in the AC parameters section of this data sheet.
The measurement taken at 1.5V.
66BUFF(0:2) to PCI Buffered Clock Skew
Figure 13 shows the difference (skew) between the 3V33(0:5)
outputs when the 66M clocks are connected to 66IN. This
offset is described in the Group Timing Relationship and Toler-
ances section of this data sheet. The measurements were
taken at 1.5V.
3V66 to PCI Un-Buffered Clock Skew
Figure 1 shows the timing relationship between 3V66_0 and
PCI(0:2,4:8) and PCIF when configured to run in the unbuf-
fered mode.
Table 4. CPU Clock Current Select Function
Board Target Trace/Term Z
Reference R, Iref – Vdd (3*Rr)
Output Current
Voh @ Z
50
Rr = 330 1%, Iref = 3.33mA
Ioh = 6*Iref
1.0V @ 50
50
Rr = 475 1%, Iref = 2.32mA
Ioh = 6*Iref
0.7V @ 50
Table 5. Group Timing Relationship and Tolerances
Description
Offset
Tolerance
Conditions
3V66 to PCI
2.5 ns
1.0 ns
3V66 leads PCI (unbuffered mode)
USB_48M to DOT_48M Skew
0.0 ns
1.0 ns
0 degrees phase shift
66BUFF(0:2) to PCI offset
2.5 ns
1.0 ns
66BUFF leads PCI (buffered mode)
USB_48M
DOT_48M
Figure 11. USB_48M and DOT_48M Phase Relationship
66IN
66B
Tpd
Figure 12. 66IN to 66BUFF(0:2) Output Delay Figure
66B
PCI
PCIF
1.5-
3.5ns
Figure 13. Buffer Mode – 33V66_0; 66BUFF(0:2) Phase Relationship


Similar Part No. - CY28339

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28339 CYPRESS-CY28339 Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
CY28339ZC CYPRESS-CY28339ZC Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
CY28339ZCT CYPRESS-CY28339ZCT Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
CY28339ZCXT CYPRESS-CY28339ZCXT Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
CY28339ZXC CYPRESS-CY28339ZXC Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
More results

Similar Description - CY28339

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2833 CYPRESS-CY2833 Datasheet
224Kb / 18P
   Intel CK408 Mobile Clock Synthesizer
logo
Renesas Technology Corp
MK1492-03 RENESAS-MK1492-03 Datasheet
222Kb / 8P
   Intel™ Mobile/SDRAM Clock Source
2019
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C410M PERICOM-PI6C410M Datasheet
928Kb / 21P
   Clock Generator for Intel PCI Express Mobile Chipset
logo
Renesas Technology Corp
SLG84901 RENESAS-SLG84901 Datasheet
816Kb / 22P
   Clock Synthesizer for Intel PCI-Express Gen3 Chipset
February 23, 2023
logo
Cypress Semiconductor
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Intel Corporation
T7600 INTEL-T7600 Datasheet
1Mb / 91P
   Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
logo
Cypress Semiconductor
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com