Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC081500 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC081500
Description  High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081500 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button ADC081500 Datasheet HTML 3Page - National Semiconductor (TI) ADC081500 Datasheet HTML 4Page - National Semiconductor (TI) ADC081500 Datasheet HTML 5Page - National Semiconductor (TI) ADC081500 Datasheet HTML 6Page - National Semiconductor (TI) ADC081500 Datasheet HTML 7Page - National Semiconductor (TI) ADC081500 Datasheet HTML 8Page - National Semiconductor (TI) ADC081500 Datasheet HTML 9Page - National Semiconductor (TI) ADC081500 Datasheet HTML 10Page - National Semiconductor (TI) ADC081500 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
A,VDR)
2.2V
Voltage on Any Input Pin
−0.15V to (V
A
+0.15V)
Ground Difference
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Power Dissipation at T
A
≤ 85˚C
2.0 W
ESD Susceptibility (Note 4)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 seconds, (Note 5), (Applies
to standard plated package only)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Ambient Temperature Range
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A)
+1.8V to +2.0V
Driver Supply Voltage (V
DR)
+1.8V to V
A
Analog Input Common Mode
Voltage
V
CMO ±50mV
V
IN+, VIN- Voltage Range
(Maintaining Common Mode)
200mV to V
A
Ground Difference
(|GND - DR GND|)
0V
CLK Pins Voltage Range
0V to V
A
Differential CLK Amplitude
0.4V
P-P to 2.0VP-P
Package Thermal Resistance
Package
θ
JA
θ
JC (Top of
Package)
θ
J-PAD
(Thermal
Pad)
128-Lead
Exposed Pad
LQFP
26˚C / W
10˚C / W
2.8˚C / W
Converter Electrical Characteristics
The following specifications apply after calibration for V
A =VDR = +1.9VDC, OutV = 1.9V, VIN (a.c. coupled) Full Scale Range =
differential 870mV
P-P,CL = 10 pF, Differential (a.c. coupled) sinewave input clock, fCLK = 1.5 GHz at 0.5VP-P with 50% duty
cycle, V
BG = Floating, Normal Control Mode, Single Data Rate Mode, REXT = 3300
±0.1%, Analog Signal Source Impedance
= 100
Ω Differential. Boldface limits apply for T
A =TMIN to TMAX. All other limits TA = 25˚C, unless otherwise noted. (Notes 6,
7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 8)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
INL
Integral Non-Linearity (Best fit)
DC Coupled, 1MHz Sine Wave
Overanged
±0.3
±0.9
LSB (max)
DNL
Differential Non-Linearity
DC Coupled, 1MHz Sine Wave
Overanged
±0.15
±0.6
LSB (max)
Resolution with No Missing
Codes
8
Bits
V
OFF
Offset Error
-0.45
−1.5
1.0
LSB (min)
LSB (max)
V
OFF_ADJ
Input Offset Adjustment Range
Extended Control Mode
±45
mV
PFSE
Positive Full-Scale Error
(Note 9)
−0.6
±25
mV (max)
NFSE
Negative Full-Scale Error
(Note 9)
−1.31
±25
mV (max)
FS_ADJ
Full-Scale Adjustment Range
Extended Control Mode
±20
±15
%FS
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
1.7
GHz
B.E.R.
Bit Error Rate
10
-18
Error/Sample
Gain Flatness
d.c. to 500 MHz
±0.5
dBFS
d.c. to 1 GHz
±1.0
dBFS
ENOB
Effective Number of Bits
f
IN = 373 MHz, VIN = FSR − 0.5 dB
7.4
7.0
Bits (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
7.3
Bits (min)
SINAD
Signal-to-Noise Plus Distortion
Ratio
f
IN = 373 MHz, VIN = FSR − 0.5 dB
46.3
43.9
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
45.4
dB (min)
SNR
Signal-to-Noise Ratio
f
IN = 373 MHz, VIN = FSR − 0.5 dB
47
44.5
dB (min)
f
IN = 748 MHz, VIN = FSR − 0.5 dB
46.3
dB (min)
www.national.com
7


Similar Part No. - ADC081500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500 NSC-ADC081500 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500CIYB NSC-ADC081500CIYB Datasheet
830Kb / 28P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC081500CIYB NSC-ADC081500CIYB Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
More results

Similar Description - ADC081500

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC081500 TI1-ADC081500 Datasheet
1,011Kb / 47P
[Old version datasheet]   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC081500 NSC-ADC081500 Datasheet
830Kb / 28P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
ADC08D1500 NSC-ADC08D1500 Datasheet
868Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
Texas Instruments
ADC08D1500 TI1-ADC08D1500 Datasheet
1Mb / 54P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1.5 GSPS A/D Converter
logo
National Semiconductor ...
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC083000 NSC-ADC083000_09 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com