Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP07DN Datasheet(PDF) 10 Page - Analog Devices

Part # OP07DN
Description  150 關V Maximum Offset Voltage Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP07DN Datasheet(HTML) 10 Page - Analog Devices

Back Button OP07DN Datasheet HTML 6Page - Analog Devices OP07DN Datasheet HTML 7Page - Analog Devices OP07DN Datasheet HTML 8Page - Analog Devices OP07DN Datasheet HTML 9Page - Analog Devices OP07DN Datasheet HTML 10Page - Analog Devices OP07DN Datasheet HTML 11Page - Analog Devices OP07DN Datasheet HTML 12Page - Analog Devices OP07DN Datasheet HTML 13Page - Analog Devices OP07DN Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP07D
Rev. 0 | Page 10 of 16
30
0
5
10
15
20
25
0246
8
10
12
–OS
+OS
CLOAD (nF)
VS = ±5V
VIN = ±50mV
G = +1
Figure 26. Overshoot vs. Capacitive Load
112
110
108
106
104
102
100
98
96
100
1M
10k
100k
1k
FREQUENCY (Hz)
VS = ±15V
Figure 27. CMRR vs. Frequency
100
80
60
40
20
0
10
1M
10k
100k
1k
100
FREQUENCY (Hz)
–PSRR
+PSRR
Figure 28. PSRR vs. Frequency
100
10
1
0.1
10
1M
10k
100k
1k
100
FREQUENCY (Hz)
G = +100
G = +10
G = +1
VS = ±15V
VIN = 28mV
RL =
CL = 20pF
Figure 29. Output Impedance vs. Frequency
100
10
1
0.1
10
1M
10k
100k
1k
100
FREQUENCY (Hz)
G = +10
G = +1
G = +100
VS = ±5V
VIN = 28mV
RL =
CL = 20pF
Figure 30. Output Impedance vs. Frequency
100
10
1
0.1
1k
100
10
1
FREQUENCY (Hz)
VS = ±15V
Figure 31. Voltage Noise Density vs. Frequency


Similar Part No. - OP07DN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07DNZ AD-OP07DNZ Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
More results

Similar Description - OP07DN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP07D AD-OP07D_16 Datasheet
286Kb / 17P
   150 關V Maximum Offset Voltage Op Amp
OP07D AD-OP07D_15 Datasheet
251Kb / 16P
   150 V Maximum Offset Voltage Op Amp
AD8677 AD-AD8677_16 Datasheet
358Kb / 17P
   130 關V Maximum Offset Voltage Op Amp in TSOT
AD8677 AD-AD8677 Datasheet
290Kb / 16P
   130 uV Maximum Offset Voltage Op Amp in TSOT
REV. 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
AMPAD708 AD-AMPAD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708 Datasheet
415Kb / 8P
   Ultralow Offset Voltage Dual Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
   Ultralow Offset Voltage Dual Op Amp
REV. C
logo
STMicroelectronics
TSV7721 STMICROELECTRONICS-TSV7721 Datasheet
4Mb / 40P
   High bandwidth (22 MHz) low offset (200 關V) 5 V op amp
Rev 3 - May 2021
logo
Analog Devices
AD8677 AD-AD8677_15 Datasheet
328Kb / 16P
   130 V Maximum Offset Voltage
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com