Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP290 Datasheet(PDF) 9 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP290_03 Datasheet HTML 4Page - Analog Devices OP290_03 Datasheet HTML 5Page - Analog Devices OP290_03 Datasheet HTML 6Page - Analog Devices OP290_03 Datasheet HTML 7Page - Analog Devices OP290_03 Datasheet HTML 8Page - Analog Devices OP290_03 Datasheet HTML 9Page - Analog Devices OP290_03 Datasheet HTML 10Page - Analog Devices OP290_03 Datasheet HTML 11Page - Analog Devices OP290_03 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. B
OP290
–9–
1/2
OP290GP
1
1/2
OP290GP
3
2
7
5
6
R1
250k
C1
0.1 F
+15V
–15V
VOUT
R2
100k
R3
1M
D2
D1
DIODES ARE 1N4148
4
R4
25k
C1
4700pF
8
Figure 6. Variable Slew Rate Filter
LOW OVERHEAD VOLTAGE REFERENCE
Figure 7 shows a voltage reference that requires only 0.1 V of
overhead voltage. As shown, the reference provides a stable
4.5 V output with a 4.6 V to 36 V supply. Output voltage drift is
only 12 ppm/
°C. Line regulation of the reference is under 5 µV/V
with load regulation better than 10
µV/mA with up to 50 mA of
output current.
The REF-43 provides a stable 2.5 V which is multiplied by the
OP290. The PNP output transistor enables the output voltage
to approach the supply voltage.
Resistors R1 and R2 determine the output voltage.
VV
R
R
OUT
=+


25
1
2
1
.
The 200
Ω variable resistor is used to trim the output voltage.
For the lowest temperature drift, parallel resistors can be used in
place of the variable resistor and taken out of the circuit as required
to adjust the output voltage.
6
2
4
REF-43FZ
R1B
200
20-TURN
BOURNS 3006P-1-201
VOUT
VIN
VOUT
GND
R1A
2.37
1%
C1
10 F
C2
0.1 F
V+
R2
2k
1%
2N2907A
1
1/2
OP290GP
3
2
8
4
Figure 7. Low Overhead Voltage Reference


Similar Part No. - OP290_03

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP290A OPTEK-OP290A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP290A OPTEK-OP290A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP290A TTELEC-OP290A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AA TTELEC-OP290AA Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AB TTELEC-OP290AB Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP290_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP290 AD-OP290 Datasheet
165Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. A
OP290 AD-OP290_15 Datasheet
284Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
OP-290 AD-OP-290 Datasheet
360Kb / 10P
   PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
   Precision Low Voltage Micropower Operational Amplifier
2006
logo
Analog Devices
OP-90 AD-OP-90 Datasheet
426Kb / 12P
   PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP90 AD-OP90 Datasheet
653Kb / 12P
   Precision Low-Voltage Micropower Operational Amplifier
REV. A
OP90GPZ AD-OP90GPZ Datasheet
1Mb / 13P
   Precision Low-Voltage Micropower Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com