Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP290 Datasheet(PDF) 5 Page - Analog Devices

Part # OP290
Description  Precision, Low Power, Micropower Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290 Datasheet(HTML) 5 Page - Analog Devices

  OP290_03 Datasheet HTML 1Page - Analog Devices OP290_03 Datasheet HTML 2Page - Analog Devices OP290_03 Datasheet HTML 3Page - Analog Devices OP290_03 Datasheet HTML 4Page - Analog Devices OP290_03 Datasheet HTML 5Page - Analog Devices OP290_03 Datasheet HTML 6Page - Analog Devices OP290_03 Datasheet HTML 7Page - Analog Devices OP290_03 Datasheet HTML 8Page - Analog Devices OP290_03 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
–5–
Typical Performance Characteristics–OP290
TEMPERATURE – C
100
80
0
–75
60
40
20
125
100
75
50
–50
–25
0
25
VS = 15V
TPC 1. Input Offset Voltage vs.
Temperature
TEMPERATURE – C
32
4
–75
24
16
125
100
75
50
–50
–25
0
25
NO LOAD
40
36
28
20
12
8
VS = 15V
VS = 1.5V
44
TPC 4. Supply Current vs.
Temperature
FREQUENCY – Hz
60
40
–20
10
100
100k
1k
10k
20
0
TA = 25 C
VS = 15V
TPC 7. Closed-Loop Gain vs.
Frequency
TEMPERATURE – C
0.14
0.12
0.06
–75
0.10
0.08
125
100
75
50
–50
–25
0
25
VS = 15V
TPC 2. Input Offset Current vs.
Temperature
TEMPERATURE – C
600
0
0
500
300
30
25
20
15
510
400
200
100
TA = 25 C
RL = 10k
TA = 85 C
TA = 125 C
TPC 5. Open-Loop Gain vs.
Single-Supply Voltage
LOAD RESISTANCE –
6
0
100k
3
100
1k
10k
5
4
2
1
TA = 25 C
V+ = 5V, V– = 0V
TPC 8. Ouput Voltage Swing vs.
Load Resistance
TEMPERATURE – C
4.5
4.2
3.5
–75
4.0
3.8
125
100
75
50
–50
–25
0
25
VS = 15V
4.4
4.3
4.1
3.9
3.7
3.6
TPC 3. Input Bias Current vs.
Temperature
FREQUENCY – Hz
140
0
0
120
80
30
25
20
15
510
100
60
40
TA = 25 C
VS = 15V
RL = 100k
GAIN
20
PHASE
140
120
100
80
60
40
20
0
TPC 6. Open-Loop Gain and Phase
Shift vs. Frequency
LOAD RESISTANCE –
16
0
100k
10
100
1k
10k
14
12
8
4
TA = 25 C
VS = 15V
2
6
TPC 9. Output Voltage Swing
vs. Load Resistance


Similar Part No. - OP290_03

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP290A OPTEK-OP290A Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
OP290A OPTEK-OP290A Datasheet
290Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP290A TTELEC-OP290A Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AA TTELEC-OP290AA Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
OP290AB TTELEC-OP290AB Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
More results

Similar Description - OP290_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP290 AD-OP290 Datasheet
165Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. A
OP290 AD-OP290_15 Datasheet
284Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
OP-290 AD-OP-290 Datasheet
360Kb / 10P
   PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
   Precision Low Voltage Micropower Operational Amplifier
2006
logo
Analog Devices
OP-90 AD-OP-90 Datasheet
426Kb / 12P
   PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP90 AD-OP90 Datasheet
653Kb / 12P
   Precision Low-Voltage Micropower Operational Amplifier
REV. A
OP90GPZ AD-OP90GPZ Datasheet
1Mb / 13P
   Precision Low-Voltage Micropower Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com