Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12L066 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12L066
Description  12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12L066 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC12L066_06 Datasheet HTML 7Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 8Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 9Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 10Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 11Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 12Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 13Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 14Page - National Semiconductor (TI) ADC12L066_06 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Timing Diagram
20032809
Output Timing
Transfer Characteristic
20032810
FIGURE 1. Transfer Characteristic
www.national.com
11


Similar Part No. - ADC12L066_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L066CIVY/NOPB TI1-ADC12L066CIVY/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12L066CIVYX NSC-ADC12L066CIVYX Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066EVAL NSC-ADC12L066EVAL Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12L066_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com