Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D040CIVSX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12D040CIVSX
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040CIVSX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12D040CIVSX Datasheet HTML 1Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
A,VD,VDR
6.5V
V
DR
V
D + 0.3V
|V
A–VD|
≤ 100 mV
Voltage on Any Input or Output Pin
−0.3V to (V
A or VD
+0.3V)
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Soldering Temperature,
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A,VD)
+4.75V to +5.25V
Output Driver Supply (V
DR)
+2.35V to V
D
V
REF Input
1.0V to 2.4V
CLK, PD, OE
−0.5V to (V
D + 0.5V)
Analog Input Pins
−0V to (V
A − 0.5V)
Input Common Mode Voltage
(V
CM)
V
REF/2 to VA −VREF
|AGND–DGND|
≤100mV
Package Thermal Resistance
Package
θ
J-A
64-Lead TQFP
50˚C / W
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A VD +5V, VDR +3.0V, PD
= 0V, INT/EXT = V
D,VREF = +2.0V, OEA, OEB = 0V, fCLK = 40 MHz, tr =tf = 3 ns, CL = 20 pF/pin. Boldface limits apply for
T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
INL
Integral Non Linearity (Note 11)
±0.7
±2.0
LSB (max)
DNL
Differential Non Linearity
±0.4
±1.0
LSB (max)
GE
Gain Error
Positive Error
0.51
+2.8/−1.9
%FS
Negative Error
0.68
+4/−2.7
%FS
TC GE
Gain Error Tempco
External Reference
15
ppm/oC
Internal Reference
100
ppm/oC
V
OFF
Offset Error (V
IN+=VIN−)
−0.1
±1.2
%FS (max)
TC
V
OFF
Offset Error Tempco
External Reference
3
ppm/oC
Internal Reference
3
ppm/oC
Under Range Output Code
0
0
Over Range Output Code
4095
4095
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at −3 dB
100
MHz
SNR
Signal-to-Noise Ratio
f
IN = 1 MHz, VIN = −0.5 dBFS
69
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
68
66.5
dB (min)
SINAD
Signal-to-Noise and Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
69
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
68
65.6
dB (min)
ENOB
Effective Number of Bits
f
IN = 1 MHz, VIN = −0.5 dBFS
11.1
Bits
f
IN = 10 MHz, VIN = −0.5 dBFS
10.9
10.6
Bits (min)
THD
Total Harmonic Distortion
f
IN = 1 MHz, VIN = −0.5 dBFS
−80
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
−78
−69
dB (max)
H2
Second Harmonic
f
IN = 1 MHz, VIN = −0.5 dBFS
−84
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
−80
−73
dB (max)
www.national.com
5


Similar Part No. - ADC12D040CIVSX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D040CIVSX NSC-ADC12D040CIVSX Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
More results

Similar Description - ADC12D040CIVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
   Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com