Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D040CIVSX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12D040CIVSX
Description  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040CIVSX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12D040CIVSX Datasheet HTML 1Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040CIVSX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
15
2
V
INA+
V
INB+
Non-Inverting analog signal Inputs. With a 2.0V reference the
full-scale input signal level is 2.0 V
P-P on each pin of the input
pair, centered on a common V
CM.
16
1
V
INA−
V
INB−
Inverting analog signal Input. With a 2.0V reference the
full-scale input signal level is 2.0 V
P-P on each pin of the input
pair, centered on a common V
CM. These (-) input pins may be
connected to a common V
CM for single-ended operation, but
a differential input signal is required for best performance.
7V
REF
Reference input. This pin should be bypassed to AGND with
a 0.1 µF monolithic capacitor when external reference is
used. V
REF is 2.0V nominal and should be between 1.0V to
2.4V.
11
INT/EXT REF
V
REF select pin. With a logic low at this pin the internal 2.0V
reference is selected. With a logic high on this pin an external
reference voltage must be applied to V
REF input pin 7.
13
5
V
RPA
V
RPB
These pins are high impedance reference bypass pins only.
Connect a 0.1 µF capacitor from each of these pins to AGND.
DO NOT LOAD these pins.
14
4
V
RMA
V
RMB
12
6
V
RNA
V
RNB
DIGITAL I/O
60
CLK
Digital clock input. The range of frequencies for this input is
100 kHz to 55 MHz (typical) with guaranteed performance at
40 MHz. The input is sampled on the rising edge of this input.
22
41
OEA
OEB
OEA and OEB are the output enable pins that, when low,
enables their respective TRI-STATE® data output pins. When
either of these pins is high, the corresponding outputs are in a
high impedance state.
59
PD
PD is the Power Down input pin. When high, this input puts
the converter into the power down mode. When this pin is
low, the converter is in the active mode.
21
OF
Output Format pin. A logic low on this pin causes output data
to be in offset binary format. A logic high on this pin causes
the output data to be in 2’s complement format.
www.national.com
3


Similar Part No. - ADC12D040CIVSX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D040CIVSX NSC-ADC12D040CIVSX Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
More results

Similar Description - ADC12D040CIVSX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
   Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com