Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP284GBC Datasheet(PDF) 6 Page - Analog Devices

Part # OP284GBC
Description  Precision Rail-to-Rail Input and Output Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP284GBC Datasheet(HTML) 6 Page - Analog Devices

Back Button OP284GBC Datasheet HTML 2Page - Analog Devices OP284GBC Datasheet HTML 3Page - Analog Devices OP284GBC Datasheet HTML 4Page - Analog Devices OP284GBC Datasheet HTML 5Page - Analog Devices OP284GBC Datasheet HTML 6Page - Analog Devices OP284GBC Datasheet HTML 7Page - Analog Devices OP284GBC Datasheet HTML 8Page - Analog Devices OP284GBC Datasheet HTML 9Page - Analog Devices OP284GBC Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
OP184/OP284/OP484
Rev. D | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
±18 V
Differential Input Voltage
±0.6 V
1
Indefinite
Output Short-Circuit Duration to
GND
Storage Temperature Range
Absolute maximum ratings apply to both DICE and packaged
parts, unless otherwise noted.
P-Suffix, S-Suffix Packages
−65°C to +150°C
Operating Temperature Range
OP184/OP284/OP484E/OP484F
−40°C to +125°C
THERMAL RESISTANCE
Junction Temperature Range
θ is specified for the worst-case conditions; that is, θ
P-Suffix, S-Suffix Packages
−65°C to +150°C
JA
JA
is
specified for device in socket for CERDIP and PDIP. θ
Lead Temperature
(Soldering 60 sec)
300°C
JA
is
specified for device soldered in circuit board for SOIC packages.
1 For input voltages greater than 0.6 V, the input current should be limited to
less than 5 mA to prevent degradation or destruction of the input devices.
Table 5. Thermal Resistance
Package Type
θ
θ
Unit
JA
JC
8-Lead PDIP (P-Suffix)
103
43
°C/W
8-Lead SOIC (S-Suffix)
158
43
°C/W
14-Lead PDIP (P-Suffix)
83
39
°C/W
14-Lead SOIC (S-Suffix)
92
27
°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
R3
Q1
–IN
+IN
QL1
QL2
Q4
Q3
Q2
QB5
QB6
RB2
QB3
R1
Q5
R2
QB4
JB2
QB1
N+
CB1
P+
M
QB2
CC1
Q9
Q7
Q11
Q8
Q6
Q10
Q12
QB7
QB8
QB9
RB1
JB1
TP
R4
R5
R6
RB3
FF
C
R7
R8
Q13 Q14
R10
Q15
RB4
QB10
CC2
C O
Q17
Q16
R11
Q18
VCC
OUT
VEE
R9
Figure 4. Simplified Schematic


Similar Part No. - OP284GBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP284 AD-OP284 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP284 AD-OP284 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
Analog Devices
OP284 AD-OP284 Datasheet
248Kb / 5P
   Technical Article
logo
Maxwell Technologies
OP284A MAXWELL-OP284A Datasheet
875Kb / 16P
   Dual Operational Amplifier
More results

Similar Description - OP284GBC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP196 AD-OP196_02 Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com