Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM4-1 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # TM4-1
Description  RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 10 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

TM4-1 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  TM4-1 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION TM4-1 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION TM4-1 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © 2006 Synergy Microwave Corporation
RF IMPEDANCE TRANSFORMER
SURFACE MOUNT MODEL: TM4-1
WIDE BANDWIDTH
10 - 1000 MHz
FEATURES:
Cost Effective
Low Loss
Small Size, Surface Mount
RoHS Compliant
Lead Free REL-PRO® Technology
SPECIFICATIONS (Rev. F 06/19/07)
Frequency
10 - 1000 MHz
Impedance Ratio
1:4
Insertion Loss (dB) *
Frequency (MHz) Typ.
Max.
10 - 100
1.8
2.7
100 - 500
1.9
2.5
500 - 1000
2.0
2.6
Amplitude Unbalance
0.4 dB (Typ.)
Phase Unbalance
±4° (Typ.)
Return Loss
14 dB (Typ.)
Input Power
0.5 Watt (Max.)
DC Current
30 mA (Max.)
Input Impedance
50 Ohms (Nom.)
Operating Temperature Range
-40 to +85 °C
Storage Temperature Range
-55 to +100 °C
* Plot excludes 3 dB Split Loss
Package # 311
PORT LOCATION
Pri. Dot
Pri.
Sec. Dot
Sec.
Sec. CT
6
4
1
3
2
6
4
1
2
3
Part Identifier:
Red & Yellow Dot


Similar Part No. - TM4-1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM4-0 SYNERGY-TM4-0 Datasheet
245Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 0.2 - 350 MHz
TM4-4 SYNERGY-TM4-4 Datasheet
321Kb / 3P
   RF IMPEDANCE TRANSFORMER
logo
Dialight Corporation
TM4-AA-13T-13 DIALIGHT-TM4-AA-13T-13 Datasheet
106Kb / 1P
   Tactical 45 Degree Marker Lights
logo
SYNERGY MICROWAVE CORPO...
TM4-GT SYNERGY-TM4-GT Datasheet
251Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
logo
Dialight Corporation
TM4-RR-13T-13 DIALIGHT-TM4-RR-13T-13 Datasheet
106Kb / 1P
   Tactical 45 Degree Marker Lights
More results

Similar Description - TM4-1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM8-GT SYNERGY-TM8-GT Datasheet
256Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
TM4-GT SYNERGY-TM4-GT Datasheet
251Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
TM1-0 SYNERGY-TM1-0 Datasheet
245Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 0.30 - 1000 MHz
TM4-0 SYNERGY-TM4-0 Datasheet
245Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 0.2 - 350 MHz
TM1-6 SYNERGY-TM1-6 Datasheet
256Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 3000 MHz
TM2-GT SYNERGY-TM2-GT Datasheet
226Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1500 MHz
TM2-1 SYNERGY-TM2-1 Datasheet
246Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 1 - 600 MHz
TM1-1 SYNERGY-TM1-1 Datasheet
258Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL OPTIMIZED BANDWIDTH 0.4 - 500 MHz
DCMO514-5 SYNERGY-DCMO514-5 Datasheet
312Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR SURFACE MOUNT MODEL WIDE BANDWIDTH 50 - 140 MHz
SPD-5-1000 SYNERGY-SPD-5-1000 Datasheet
227Kb / 2P
   4-WAY POWER DIVIDER SURFACE MOUNT WIDE BANDWIDTH 5 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com