Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP496 Datasheet(PDF) 1 Page - Analog Devices

Part # OP496
Description  Micropower, Rail-to-Rail Input and Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP496 Datasheet(HTML) 1 Page - Analog Devices

  OP496 Datasheet HTML 1Page - Analog Devices OP496 Datasheet HTML 2Page - Analog Devices OP496 Datasheet HTML 3Page - Analog Devices OP496 Datasheet HTML 4Page - Analog Devices OP496 Datasheet HTML 5Page - Analog Devices OP496 Datasheet HTML 6Page - Analog Devices OP496 Datasheet HTML 7Page - Analog Devices OP496 Datasheet HTML 8Page - Analog Devices OP496 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a Micropower,Rail-to-RailInputandOutput
Operational Amplifiers
OP196/OP296/OP496
FEATURES
Rail-to-Rail Input and Output Swing
Low Power: 60
A/Amplifier
Gain Bandwidth Product: 450 kHz
Single-Supply Operation: 3 V to 12 V
Low Offset Voltage: 300
V max
High Open-Loop Gain: 500 V/mV
Unity-Gain Stable
No Phase Reversal
APPLICATIONS
Battery Monitoring
Sensor Conditioners
Portable Power Supply Control
Portable Instrumentation
GENERAL DESCRIPTION
The OP196 family of CBCMOS operational amplifiers features
micropower operation and rail-to-rail input and output ranges.
The extremely low power requirements and guaranteed opera-
tion from 3 V to 12 V make these amplifiers perfectly suited to
monitor battery usage and to control battery charging. Their
dynamic performance, including 26 nV/
√Hz voltage noise
density, recommends them for battery-powered audio applica-
tions. Capacitive loads to 200 pF are handled without oscillation.
The OP196/OP296/OP496 are specified over the HOT extended
industrial (–40
°C to +125°C) temperature range. 3 V operation
is specified over the 0
°C to 125°C temperature range.
The single OP196 and the dual OP296 are available in 8-lead
SO-8 surface mount packages. The dual OP296 is available in
8-lead PDIP. The quad OP496 is available in 14-lead plastic
DIP and narrow SO-14 surface-mount packages.
8-Lead Narrow-Body SO
1
2
3
4
8
7
6
5
OP196
OUT A
V+
NULL
NC
NULL
–IN A
+IN A
V–
NC = NO CONNECT
PIN CONFIGURATIONS
8-Lead Narrow-Body SO
1
2
3
4
8
7
6
5
OP296
OUT A
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
8-Lead Plastic DIP
1
2
3
4
8
7
6
5
OP296
OUT B
–IN B
+IN B
V+
OUT A
–IN A
+IN A
V–
14-Lead Plastic DIP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OP496
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
14-Lead Narrow-Body SO
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OP496
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
8-Lead TSSOP
OP296
OUT A
–IN A
+IN A
V–
OUT B
–IN B
+IN B
V+
8
1
4
5
14-Lead TSSOP
(RU Suffix)
OP496
OUT A
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT D
–IN D
+IN D
V–
OUT C
+IN C
–IN C
14
1
7
8
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - OP496

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP496 AD-OP496 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP496 AD-OP496 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
OP496GP AD-OP496GP Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP496GS AD-OP496GS Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP496GS AD-OP496GS Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
More results

Similar Description - OP496

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP196 AD-OP196 Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
TLV2381 TI1-TLV2381_15 Datasheet
637Kb / 20P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931 Datasheet
129Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941 Datasheet
124Kb / 14P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
May 2000
TS941 STMICROELECTRONICS-TS941_08 Datasheet
266Kb / 19P
   Output rail-to-rail micropower operational amplifiers
TS941 STMICROELECTRONICS-TS941_04 Datasheet
223Kb / 18P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
TS94X STMICROELECTRONICS-TS94X Datasheet
319Kb / 18P
   Output rail-to-rail micropower operational amplifiers
October 2009 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com