Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4992 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4992
Description  TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4992 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4992 Datasheet HTML 3Page - STMicroelectronics L4992 Datasheet HTML 4Page - STMicroelectronics L4992 Datasheet HTML 5Page - STMicroelectronics L4992 Datasheet HTML 6Page - STMicroelectronics L4992 Datasheet HTML 7Page - STMicroelectronics L4992 Datasheet HTML 8Page - STMicroelectronics L4992 Datasheet HTML 9Page - STMicroelectronics L4992 Datasheet HTML 10Page - STMicroelectronics L4992 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
t
t
t
5V
OSC
0V
H5GATE
H3GATE
D97IN574
400ns min.
Figure 1: Synchronization signal and operation.
DETAILED FUNCTIONAL DESCRIPTION (continued)
CLOCK
S
R
Q
Q
_
REG5
HSTRAP
L
Rsense
E.S.
+
-
+
-
-
+
VREF
SLOPE
COMP.
VIN
Rf
Cf
Co
ESR
Ro
Figure 2: L4992 Control Loop.
The error summing, by comparing the above mentioned signals, determines the moment in which the
output latch is to be reset. The high-side MOSFET is then turned off and the synchronous rectifier is
turned on after the appropriate delay (typ. 75 ns), thus making the inductor current recirculate. This state
is maintained until the next oscillator pulse.
With reference to the schematic of fig. 2, the open-loop transfer function of such a kind of control system,
under the assumption of an ideal slope compensation, is:
F
(s) = A⋅
RO
Rsense
1
+ s ⋅ ESR ⋅ CO
(1 + s ⋅ RO CO) ⋅ (1 + s ⋅ RF CF)
where A is the gain of the error summing comparator, which is 2 by design.
The system is inherently very fast since it tends to correct output voltage deviations nearly on a cycle-by-
cycle basis. Actually, in case of line or load changes, few switching cycles can be sufficient for the tran-
sient to expire.
The operation above illustrated is modified during particular or anomalous conditions. Leaving out other
circumstances (described in "Protections" section) for the moment, consider when the load current is low
enough or during the first switching cycles at start-up: the inductor current may become discontinuous,
that is it is zero during the last part of each cycle. In such a case, a "zero current comparator" detects the
event and turns off the synchronous rectifier, avoiding inductor current reversal and reproducing the
natural turn-off of a diode when reverse biased. Both MOSFET’s stay in off state until the next oscillator
pulse.
L4992
7/26


Similar Part No. - L4992

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4990 STMICROELECTRONICS-L4990 Datasheet
322Kb / 24P
   PRIMARY CONTROLLER
July 1999
L4990A STMICROELECTRONICS-L4990A Datasheet
322Kb / 24P
   PRIMARY CONTROLLER
July 1999
L4990AD STMICROELECTRONICS-L4990AD Datasheet
322Kb / 24P
   PRIMARY CONTROLLER
July 1999
L4990D STMICROELECTRONICS-L4990D Datasheet
322Kb / 24P
   PRIMARY CONTROLLER
July 1999
L4993 STMICROELECTRONICS-L4993 Datasheet
526Kb / 30P
   Low drop voltage regulator
More results

Similar Description - L4992

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5994 STMICROELECTRONICS-L5994_02 Datasheet
302Kb / 26P
   ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
L5994 STMICROELECTRONICS-L5994 Datasheet
70Kb / 8P
   ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
MAX783 MAXIM-MAX783 Datasheet
279Kb / 28P
   Triple-Output Power-Supply Controller for Notebook Computers
19-0045; Rev 1; 5/94
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391_11 Datasheet
654Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
   50W Triple Output Switching Power Supply
logo
Astrodyne Corporation
PT65 ASTRODYNE-PT65 Datasheet
402Kb / 6P
   65W Triple Output Switching Power Supply
RT125 ASTRODYNE-RT125 Datasheet
293Kb / 4P
   125W Triple Output Switching Power Supply
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
   50W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com