Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP297GPZ Datasheet(PDF) 5 Page - Analog Devices

Part # OP297GPZ
Description  Dual Low Bias Current Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297GPZ Datasheet(HTML) 5 Page - Analog Devices

  OP297GPZ Datasheet HTML 1Page - Analog Devices OP297GPZ Datasheet HTML 2Page - Analog Devices OP297GPZ Datasheet HTML 3Page - Analog Devices OP297GPZ Datasheet HTML 4Page - Analog Devices OP297GPZ Datasheet HTML 5Page - Analog Devices OP297GPZ Datasheet HTML 6Page - Analog Devices OP297GPZ Datasheet HTML 7Page - Analog Devices OP297GPZ Datasheet HTML 8Page - Analog Devices OP297GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
OP297
Rev. F | Page 5 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
400
0
300
200
100
INPUT OFFSET VOLTAGE (pA)
–100
–80
–60
–40
–20
0
20
40
60
80
100
1200 UNITS
TA = 25°C
VS = ±15V
VCM = 0V
TEMPERATURE (°C)
60
–60
40
20
0
–20
–40
–75
–50
–25
0
25
50
75
100
125
IOS
IB+
IB
VS = ±15V
VCM = 0V
Figure 5. Typical Distribution of Input Offset Voltage
Figure 8. Input Bias, Offset Current vs. Temperature
1200 UNITS
TA = 25°C
VS = ±15V
VCM = 0V
250
0
200
150
100
INPUT OFFSET VOLTAGE (pA)
–100
–80
–60
–40
–20
0
20
40
60
80
100
50
COMMON-MODE VOLTAGE (V)
–15
–10
–5
0
5
10
15
60
–40
40
20
0
–20
IOS
IB+
IB
VS = ±15V
VCM = 0V
Figure 6. Typical Distribution of Input Bias Current
Figure 9. Input Bias, Offset Current vs. Common-Mode Voltage
INPUT OFFSET VOLTAGE (pA)
–100
–80
–60
–40
–20
0
20
40
60
80
100
0
1200 UNITS
400
300
200
100
TA = 25°C
VS = ±15V
VCM = 0V
TIME AFTER POWER APPLIED (Minutes)
0
±1
±3
±2
01
234
5
TA = 25°C
VS = ±15V
VCM = 0V
Figure 10. Input Offset Voltage Warm-Up Drift
Figure 7. Typical Distribution of Input Offset Current


Similar Part No. - OP297GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP297GPZ AD-OP297GPZ Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
More results

Similar Description - OP297GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297S AD-OP297S Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com