Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2166 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 4 Page - Analog Devices

  SSM2166 Datasheet HTML 1Page - Analog Devices SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
SSM2166–Typical Performance Characteristics
0
–80
–80
0
–70
–60
–50
–40
–30
–20
–10
–10
–40
–50
–60
–70
–20
–30
TA = +25°C
V+ = 5V
VIN = 300mV rms @ 1kHz
RL = 100k
NOISE GATE SETTING
550µV rms
ROTATION POINT
300mV rms
GAIN ADJUST (PIN 2) = 1.25k
COMP RATIO = 1:1
COMP RATIO = 2:1
COMP RATIO = 5:1
COMP RATIO = 10:1
COMP RATIO = 15:1
INPUT – dBu
INPUT – dBu
TPC 1. Output vs. Input Characteristics
RGATE – k
10
1
0.1
0
450
50 100
350 400
150 200 250 300
500 550 600 650
100
TA = +25°C
V+ = 5V
RL = 100k
COMPRESSION RATIO = 2:1
ROTATION POINT
1V rms
GAIN ADJUST (PIN 2) = 1.25k
TPC 2. Noise Gate vs. RGATE (Pin 9 to V+)
COMPRESSION
RATIO
ROTATION POINT
1:1
2:1
5:1
10:1
15:1
100mV rms
0
300mV rms
0
1V rms
0
12.5
12.5
12.5
96
96
96
215
215
215
395
395
395
RCOMP – k , TYPICAL
TPC 3. Compression Ratio vs. RCOMP (Pin 10 to GND)
GAIN ADJUST RESISTOR – k
20
6
0
026
2
468
10 12 14
16 18
20 22 24
18
8
4
2
14
10
16
12
28
30
TA = +25°C
V+ = 5V
RL = 100k
VIN = 100mV rms @ 1kHz
NOISE GATE SETTING
550 V rms
ROTATION POINT (PIN 11)
1V rms
COMPRESSION RATIO = 1:1
TPC 4. VCA Gain vs. RGAIN (Pin 2 to GND)
INPUT VOLTAGE – V rms
5
1
0.1
0.01
1
0.1
0.05
RL = 10k
RL = 100k
TA = +25°C
V+ = 5V
COMPRESSION RATIO = 1:1
NOISE GATE SETTING
550 V rms
ROTATION POINT
1V rms
GAIN ADJUST (PIN 2) = 1.25k
VIN FREQUENCY = 1kHz
TPC 5. THD + N (%) vs. Input (V rms)
FREQUENCY – Hz
5
1
0.1
20
30k
100
0.05
1k
10k
TA = +25°C
V+ = 5V
VIN = 77.5mV rms @ 1kHz
COMPRESSION RATIO = 1:1
NOISE GATE SETTING
550 V rms
ROTATION POINT
1V rms
GAIN ADJUST (PIN 2) = 1.2k
MEASUREMENT FILTER BW: 22Hz TO 30kHz
TPC 6. THD + N (%) vs. Frequency (Hz)


Similar Part No. - SSM2166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166 Datasheet
437Kb / 13P
   Microphone Preamplifier
SSM2166 AD-SSM2166 Datasheet
605Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166P AD-SSM2166P Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166S AD-SSM2166S Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
More results

Similar Description - SSM2166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2166 AD-SSM2166_15 Datasheet
605Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
REV. A
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
   Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
Rev. C
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com