Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS2016-005 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part # FMS2016-005
Description  High Power Reflective GaAs SP4T Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2016-005 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FMS2016-005 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2016-005 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2016-005 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2016-005 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2016-005 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2016-005 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Datasheet v3.0
FMS2016-005
QFN 12 LEAD 3*3 PACKAGE OUTLINE:
Note: PIN1
Identifier is at
ground potential
NiPdAu finish for Military and High reliability applications
TAPE & REEL SPECIFICATION:
TAPE DIMENSIONS
DESCRIPTION
SYMBOL
SIZE (MM)
Perforation
Diameter
D0
1.5 ±0.1
Pitch
P0
4.0 ±0.1
Position
E1
1.75 ±0.1
Cavity
Length
A0
3.3 ±0.1
Width
B0
3.3 ±0.1
Depth
K
1.1 ±0.1
Cavity to Perforation
(length direction)
P2
2.0 ±0.1
Distance between centrelines
Cavity to Perforation
(width direction)
F
5.5 ±0.1
Carrier tape
Width
W
12 ±0.3


Similar Part No. - FMS2016-005

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2016-005 FILTRONIC-FMS2016-005 Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-005-EB FILTRONIC-FMS2016-005-EB Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
More results

Similar Description - FMS2016-005

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2016-001 FILTRONIC-FMS2016-001 Datasheet
220Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016-001 FILTRONIC-FMS2016-001_1 Datasheet
288Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2003QFN FILTRONIC-FMS2003QFN Datasheet
179Kb / 6P
   High Power Reflective GaAs SP4T Switch
FMS2016QFN FILTRONIC-FMS2016QFN Datasheet
199Kb / 6P
   High Power Reflective GaAs SP4T Switch
logo
M/A-COM Technology Solu...
SW-243 MA-COM-SW-243 Datasheet
85Kb / 3P
   Reflective GaAs SP4T Switch DC - 4 GHz
logo
Tyco Electronics
SW-243 MACOM-SW-243 Datasheet
167Kb / 3P
   Reflective GaAs SP4T Switch DC - 4 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
   GaAs SP4T High Power Switch
MASW-007813 MA-COM-MASW-007813_15 Datasheet
603Kb / 5P
   GaAs SP4T High Power Switch
logo
Hittite Microwave Corpo...
HMC1084LC4 HITTITE-HMC1084LC4 Datasheet
1Mb / 6P
   GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
   GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com