Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28312B-2 Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28312B-2
Description  FTG for VIA??K7 Series Chipset with Programmable Output Frequency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28312B-2 Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28312B-2 Datasheet HTML 4Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 5Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 6Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 7Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 8Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 9Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 10Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 11Page - SpectraLinear Inc CY28312B-2 Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY28312B-2
Rev 1.0, November 21, 2006
Page 8 of 17
Byte 10: Skew Control Register
Bit
Name
Default
Description
Bit 7
CPU_Skew2
0
CPU skew control
000 = Normal
001 = –150 ps
010 = –300 ps
011 = –450 ps
100 = +150 ps
101 = +300 ps
110 = +450 ps
111 = +600 ps
Bit 6
CPU_Skew1
0
Bit 5
CPU_Skew0
0
Bit 4
Reserved
0
Reserved
Bit 3
PCI_Skew1
0
PCI skew control
00 = Normal
01 = –500 ps
10 = Reserved
11 = +500 ps
Bit 2
PCI_Skew0
0
Bit 1
AGP_Skew1
0
AGP skew control
00 = Normal
01 = –150 ps
10 = +150 ps
11 = +300 ps
Bit 0
AGP_Skew0
0
Byte 11: Recovery Frequency N–Value Register
Bit
Name
Default
Description
Bit 7
ROCV_FREQ_N7
0
If ROCV_FREQ_SEL is set, CY28312B-2 will use the values programmed in
ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0] to determine the recovery
CPU output frequency.when a Watchdog timer time-out occurs.
The setting of FS_Override bit determines the frequency ratio for CPU,
SDRAM, AGP and SDRAM. When it is cleared, CY28312B-2 will use the same
frequency ratio stated in the Latched FS[4:0] register. When it is set,
CY28312B-2 will use the frequency ratio stated in the SEL[4:0] register.
CY28312B-2 supports programmable CPU frequency ranging from 50 MHz to
248 MHz.
CY28312B-2 will change the output frequency whenever there is an update to
either ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0]. Therefore, it is recom-
mended to use Word or Block write to update both registers within the same
SMBus bus operation.
Bit 6
ROCV_FREQ_N6
0
Bit 5
ROCV_FREQ_N5
0
Bit 4
ROCV_FREQ_N4
0
Bit 3
ROCV_FREQ_N3
0
Bit 2
ROCV_FREQ_N2
0
Bit 1
ROCV_FREQ_N1
0
Bit 0
ROCV_FREQ_N0
0
Byte 12: Recovery Frequency M–Value Register
Bit
Name
Default
Pin Description
Bit 7
ROCV_FREQ_SEL
0
ROCV_FREQ_SEL determines the source of the recover frequency when a
Watchdog timer time-out occurs. The clock generator will automatically switch
to the recovery CPU frequency based on the selection on ROCV_FREQ_SEL.
0 = From latched FS[4:0]
1 = From the settings of ROCV_FREQ_N[7:0] & ROCV_FREQ_M[6:0]
Bit 6
ROCV_FREQ_M6
0
If ROCV_FREQ_SEL is set, CY28312B-2 will use the values programmed in
ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0] to determine the recovery
CPU output frequency.when a Watchdog timer time-out occurs
The setting of FS_Override bit determines the frequency ratio for CPU,
SDRAM, AGP and SDRAM. When it is cleared, CY28312B-2 will use the same
frequency ratio stated in the Latched FS[4:0] register. When it is set,
CY28312B-2 will use the frequency ratio stated in the SEL[4:0] register.
CY28312B-2 supports programmable CPU frequency ranging from 50 MHz to
248 MHz.
CY28312B-2 will change the output frequency whenever there is an update to
either ROCV_FREQ_N[7:0] and ROCV_FREQ_M[6:0]. Therefore, it is recom-
mended to use Word or Block write to update both registers within the same
SMBus bus operation.
Bit 5
ROCV_FREQ_M5
0
Bit 4
ROCV_FREQ_M4
0
Bit 3
ROCV_FREQ_M3
0
Bit 2
ROCV_FREQ_M2
0
Bit 1
ROCV_FREQ_M1
0
Bit 0
ROCV_FREQ_M0
0


Similar Part No. - CY28312B-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28312B-2 CYPRESS-CY28312B-2 Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
CY28312B-2T CYPRESS-CY28312B-2T Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
More results

Similar Description - CY28312B-2

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W312-02 SPECTRALINEAR-W312-02 Datasheet
193Kb / 19P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
logo
Cypress Semiconductor
W312-02 CYPRESS-W312-02_05 Datasheet
253Kb / 20P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W312-02 CYPRESS-W312-02 Datasheet
143Kb / 21P
   FTG for VIA K7 Series Chipset with Programmable Output Frequency
CY28312B-2 CYPRESS-CY28312B-2 Datasheet
240Kb / 17P
   FTG for VIA??K7 Series Chipset with Programmable Output Frequency
W210 CYPRESS-W210 Datasheet
162Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
   Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
   Spread Spectrum FTG for VIA K7 Chipset
CY28326 CYPRESS-CY28326 Datasheet
288Kb / 23P
   FTG for VIA PT880 Serial Chipset
logo
SpectraLinear Inc
CY28326 SPECTRALINEAR-CY28326 Datasheet
224Kb / 22P
   FTG for VIA PT880 Serial Chipset
logo
Cypress Semiconductor
W311 CYPRESS-W311 Datasheet
347Kb / 19P
   FTG for VIA Pro-266 DDR Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com