Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS2029-000-WP Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # FMS2029-000-WP
Description  DC-20 GHZ MMIC SPST ABSORPTIVE SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2029-000-WP Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FMS2029-000-WP Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2029-000-WP Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2029-000-WP Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2029-000-WP Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2029-000-WP Datasheet HTML 5Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
2
Pre-Production Datasheet v3.0
FMS2029
ABSOLUTE MAXIMUM RATINGS:
Note: Exceeding any one of these absolute
maximum ratings may cause permanent
damage to the device.
PAD LAYOUT:
TRUTH TABLE:
Note: -5V
± 0.2V; 0V ± 0.2V
Note: Co-ordinates are referenced from the bottom
left hand corner of the die to the centre of bond pad
opening
PARAMETER
SYMBOL
ABSOLUTE
MAXIMUM
Max Input
Power
Pin
+27dBm
Operating
Temp
Toper
-40°C to
+85°C
Storage Temp
Tstor
-55°C to
+150°C
PAD
NAME
DESCRIPTION
PIN
COORDINATES
(µm)
RFIN
RFIN
141,587
RFO
RFOUT
1789,587
V1
V1
901,161
V2
V2
1101,161
CONTROL LINE
RF PATH
V1
V2
RFIN-RFO
-5V
0V
On (Low Loss)
0V
-5V
Off (Isolation)
DIE SIZE (
µm)
DIE THICKNESS (
µm)
MIN. BOND PAD PITCH
(
µm)
MIN. BOND PAD OPENING
(
µm x µm )
1910 x 1110
100
150
116 x 116


Similar Part No. - FMS2029-000-WP

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2029-000 FILTRONIC-FMS2029-000 Datasheet
136Kb / 4P
   DC-20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
More results

Similar Description - FMS2029-000-WP

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2023 FILTRONIC-FMS2023 Datasheet
142Kb / 4P
   DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
FMS2023 FILTRONIC-FMS2023_1 Datasheet
183Kb / 5P
   DC-20 GHZ MMIC LOW LOSS SPST ABSORPTIVE SWITCH
FMS2027 FILTRONIC-FMS2027_1 Datasheet
184Kb / 5P
   DC-20 GHZ MMIC SPDT ABSORPTIVE SWITCH
FMS2029 FILTRONIC-FMS2029 Datasheet
136Kb / 4P
   DC-20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
FMS2022 FILTRONIC-FMS2022 Datasheet
149Kb / 4P
   DC-4 GHz MMIC SP4T Absorptive Switch
logo
Tyco Electronics
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Tyco Electronics
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
SW90-0001 MACOM-SW90-0001 Datasheet
236Kb / 3P
   GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
logo
M/A-COM Technology Solu...
SW90-0001 MA-COM-SW90-0001 Datasheet
152Kb / 5P
   GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com