Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS2031-001-TR Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMS2031-001-TR
Description  10 Watt GaAs Wide Band SPDT Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMS2031-001-TR Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMS2031-001-TR Datasheet HTML 1Page - Filtronic Compound Semiconductors FMS2031-001-TR Datasheet HTML 2Page - Filtronic Compound Semiconductors FMS2031-001-TR Datasheet HTML 3Page - Filtronic Compound Semiconductors FMS2031-001-TR Datasheet HTML 4Page - Filtronic Compound Semiconductors FMS2031-001-TR Datasheet HTML 5Page - Filtronic Compound Semiconductors FMS2031-001-TR Datasheet HTML 6Page - Filtronic Compound Semiconductors FMS2031-001-TR Datasheet HTML 7Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Production
3.0
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Typical Measured Performance on Evaluation Board (De-Embedded):
(Measurement Conditions VCTRL = 2.7V (high) & 0V (low), TAMBIENT = 25°C unless otherwise stated)
4.0
3.5
3.0
2.5
2.0
0.0
-0.5
-1.0
-1.5
-2.0
(GHz)
Insertion Loss vs Frequency
4.0
3.5
3.0
2.5
2.0
-20
-25
-30
-35
-40
(GHz)
Isolation vs Frequency
4.0
3.5
3.0
2.5
2.0
0
-10
-20
-30
-40
-50
(GHz)
DB(|S(1,1)|)
DB(|S(2,2)|)
Variable
Return Loss vs Frequency
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
-50
-55
-60
-65
-70
-75
(V)
3rd Harmonic Level (0.9 GHz) vs Control Voltage
40.0
37.5
35.0
32.5
30.0
27.5
25.0
2.0
1.5
1.0
0.5
0.0
(dBm)
Power Loss* vs Input Power
Power Loss*=(Large Signal Loss - Small Signal Loss)
3


Similar Part No. - FMS2031-001-TR

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2001 FILTRONIC-FMS2001 Datasheet
395Kb / 3P
   Low Loss SPDT Reflective pHEMT MMIC Switch
FMS2001ES1 FILTRONIC-FMS2001ES1 Datasheet
395Kb / 3P
   Low Loss SPDT Reflective pHEMT MMIC Switch
FMS2001QFN FILTRONIC-FMS2001QFN Datasheet
155Kb / 4P
   SPDT Reflective pHEMT MMIC Switch
FMS2002 FILTRONIC-FMS2002 Datasheet
635Kb / 4P
   SP3T Reflective pHEMT MMIC Switch
FMS2002ES1 FILTRONIC-FMS2002ES1 Datasheet
635Kb / 4P
   SP3T Reflective pHEMT MMIC Switch
More results

Similar Description - FMS2031-001-TR

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2020 FILTRONIC-FMS2020 Datasheet
214Kb / 4P
   GaAs Multi-Purpose Wide Band SPDT Switch
FMS2020QFN FILTRONIC-FMS2020QFN Datasheet
181Kb / 6P
   GaAs Multi-Purpose Wide Band SPDT Switch
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK Datasheet
180Kb / 7P
   WIDE BAND SPDT SWITCH
logo
NEC
UPD5713TK NEC-UPD5713TK Datasheet
104Kb / 12P
   WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK-A CEL-UPD5713TK-A Datasheet
468Kb / 10P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_1 Datasheet
192Kb / 11P
   WIDE BAND SPDT SWITCH
logo
Renesas Technology Corp
PD5713TK RENESAS-PD5713TK Datasheet
227Kb / 14P
   WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK_09 Datasheet
468Kb / 10P
   WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_12 Datasheet
587Kb / 11P
   WIDE BAND SPDT SWITCH
logo
NEC
UPG137GV NEC-UPG137GV_97 Datasheet
28Kb / 3P
   L-BAND SPDT GaAs MMIC SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com