Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2277APAC-12M Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY2277APAC-12M
Description  Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2277APAC-12M Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY2277APAC-12M Datasheet HTML 4Page - SpectraLinear Inc CY2277APAC-12M Datasheet HTML 5Page - SpectraLinear Inc CY2277APAC-12M Datasheet HTML 6Page - SpectraLinear Inc CY2277APAC-12M Datasheet HTML 7Page - SpectraLinear Inc CY2277APAC-12M Datasheet HTML 8Page - SpectraLinear Inc CY2277APAC-12M Datasheet HTML 9Page - SpectraLinear Inc CY2277APAC-12M Datasheet HTML 10Page - SpectraLinear Inc CY2277APAC-12M Datasheet HTML 11Page - SpectraLinear Inc CY2277APAC-12M Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY2277A
Rev 1.0, November 25, 2006
Page 8 of 18
Electrical Characteristics (-12I)
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Inputs
2.0
V
VIL
Low-level Input Voltage
Except Crystal Inputs
0.8
V
VILiic
Low-level Input Voltage
SMBus inputs only
0.7
V
VOH
High-level Output Voltage[7] VDDQ2 = VDDCPU = 2.375V
IOH = 18 mA
CPUCLK
1.75
V
IOH = 18 mA
IOAPIC
VOL
Low-level Output Voltage[7]
VDDQ2 = VDDCPU = 2.375V
IOL = 29 mA
CPUCLK
0.4
V
IOL = 29 mA
IOAPIC
VOH
High-level Output Voltage[7] VDDQ3, AVDD, VDDCPU = 3.135V
IOH = 32 mA
CPUCLK
2.4
V
IOH = 36 mA
SDRAM
IOH = 32 mA
PCICLK
IOH = 26 mA
USBCLK
IOH = 26 mA
IOCLK
IOH = 36 mA
REF0
IOH = 26 mA
REF1
VOL
Low-level Output Voltage[7]
VDDQ3, AVDD, VDDCPU = 3.135V
IOH = 24mA
CPUCLK
0.8V
V
IOH = 29 mA
SDRAM
IOH = 26 mA
PCICLK
IOL = 21 mA
USBCLK
IOH = 21 mA
IOCLK
IOL = 29mA
REF0
IOH = 21 mA
REF1
IIH
Input High Current
VIH = VDD
–20
+20
A
IIL
Input Low Current
VIL = 0V, except PWR_SEL
10
A
IIL
Input Low Current
VIL = 0V, PWR_SEL only
100
A
IOZ
Output Leakage Current
Three-state
–10
+10
A
IDD
Power Supply Current[7, 8]
VDD = 3.465V, VIN = 0 or VDD, Loaded Outputs, CPU = 66.67 MHz
250
mA
IDD
Power Supply Current[7, 8]
VDD = 3.465V, VIN = 0 or VDD, Unloaded Outputs
120
mA
IDDS
Power-down Current
Current draw in power-down state, PWR_SEL = VDD
150
A


Similar Part No. - CY2277APAC-12M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2277APAC-12M CYPRESS-CY2277APAC-12M Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
More results

Similar Description - CY2277APAC-12M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2277A CYPRESS-CY2277A Datasheet
206Kb / 19P
   6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
CY2273A CYPRESS-CY2273A Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2283 CYPRESS-CY2283 Datasheet
219Kb / 12P
   PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
logo
SpectraLinear Inc
CY2280 SPECTRALINEAR-CY2280 Datasheet
170Kb / 11P
   100 MHz Pentium짰 II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Cypress Semiconductor
CY2310ANZ CYPRESS-CY2310ANZ_05 Datasheet
187Kb / 8P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Alliance Semiconductor ...
ASM2I2310ANZ ALSC-ASM2I2310ANZ Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Cypress Semiconductor
CY2310ANZ CYPRESS-CY2310ANZ_09 Datasheet
264Kb / 9P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
CY2310ANZ CYPRESS-CY2310ANZ Datasheet
300Kb / 15P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
ON Semiconductor
PCS2I2310ANZ ONSEMI-PCS2I2310ANZ Datasheet
153Kb / 11P
   3.3 V SDRAM Buffer for Mobile PCS with 4 SO-DIMMs
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com