Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-2F2 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # TX-2F2
Description  TRRANSSFFORRMEERRS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

TX-2F2 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  TX-2F2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION TX-2F2 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION TX-2F2 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION TX-2F2 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION TX-2F2 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
[ 148 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
TRANSFORMERS
TRANSFORMERS
IMPEDANCE
CENTER
FREQUENCY
BANDWIDTH (MHz) for
FIGURE
PIN-OUT
RATIO
TAP
INSERTION-LOSS
(See
PACKAGE
(See
MODEL
PRI : SEC
PRI
SEC
(MHz)
1dB
2dB
3dB
Below)
Below)
1:1
No
Yes
0.003-300
0.02-50
0.01-150
0.003-300
1
134
1
ST-K1
1:1.5
No
No
0.075-400
0.370-185
0.120-300
0.075-400
2
134
2
ST-K2
1:2
No
No
0.650-525
-
2.2-400
0.650-525
2
134
2
ST-K3
1:2.5
No
Yes
0.070-300
0.780-175
0.140-225
0.070-300
1
134
1
ST-K4
1:3
No
No
0.270-500
3.6-160
0.490-430
0.270-500
2
134
2
ST-K5
1:4
No
Yes
0.2-350
2-100
0.35-300
0.2-350
1
134
1
ST-K6
1:5
No
Yes
0.3-300
0.5-100
0.6-200
0.3-300
1
134
1
ST-K7
1:6
No
No
0.3-200
5-50
0.5-150
0.3-200
2
134
2
ST-K8
NOTE:
All devices shown have 1 Watt Power Rating
Temperature range for plastic package is -25oC to +85oC
LEADLESS SURFACE-MOUNT MODELS
Primary
Primary
Primary
Secondary Secondary Secondary
DOT
Center-Tap
DOT
Center-Tap
PIN-OUT TABLE
# 1
4
6
-
3
1
2
# 2
4
6
-
3
1
-
For pin location and package outline drawings, see back pages.
FIGURE 2
FIGURE 1


Similar Part No. - TX-2F2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TX-2-5-1 MINI-TX-2-5-1 Datasheet
228Kb / 1P
   RF Transformer
TX-2-5-1++ MINI-TX-2-5-1+ Datasheet
228Kb / 1P
   RF Transformer
logo
Panasonic Semiconductor
TX-25MD1P PANASONIC-TX-25MD1P Datasheet
1Mb / 4P
   TX-25MD1P EURO-2 CHASSIS
logo
Vectron International, ...
TX-2800-DAE-287 VECTRON-TX-2800-DAE-287 Datasheet
443Kb / 5P
   Temperature Compensated Crystal Oscillator
TX-2800-DAE-466 VECTRON-TX-2800-DAE-466 Datasheet
443Kb / 5P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com