Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD750SOT89 Datasheet(PDF) 7 Page - Filtronic Compound Semiconductors

Part # FPD750SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD750SOT89 Datasheet(HTML) 7 Page - Filtronic Compound Semiconductors

Back Button FPD750SOT89 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD750SOT89 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD750SOT89 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD750SOT89 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD750SOT89 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD750SOT89 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD750SOT89 Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD750SOT89 Datasheet HTML 10Page - Filtronic Compound Semiconductors FPD750SOT89 Datasheet HTML 11Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
7
Datasheet v3.0
FPD750SOT89
REFERENCE DESIGN (1.85GHZ):
1. Measured at 10dBm per tone
FREQUENCY
GHZ
1.85
Gain
dB
17.2
P1dB
dBm
24
OIP3
1
dBm
35
N.F.
dB
0.7
S11
dB
-5
S22
dB
-10
Vd
V
5
Vg
V
-0.4 to -0.6
Id
mA
100
Board Layout
0.01uF
33pF
0.01uF
C2
33pF
20O
C1
33pF
L1
L2
Q1
Q1
33pF
+
+
1.0uF
Vg
Vd
Lg
Ld
1.45"
0.63"
Component Values
Eval board material - 31mil thick FR4 with 1/2 Ounce Cu
on both sides
Component
Value
Description
Lg
27nH
LL1608 Toko chip inductor
Ld
27nH
LL1608 Toko chip inductor
L1
6.8nH
LL1005 Toko chip inductor
L2
1.8nH
LL1005 Toko chip inductor
C1
2.7pF
ATC 600S chip capacitor
C2
0.5pF
ATC 600S chip capacitor
33pF
33pF
20 Ohm
33pF
33pF
0.01uF
0.01uF
1.0uF
Vd
-Vg
FPD750SOT89 EVAL Board
Schematic
27 nH
27 nH
C1
L2
C2
@ 1.85GHz
RF IN
RF OUT
L1
D.C. Blocking capacitors are ATC series 600S. A tantalum 1.0µF is used at the drain terminal. All
other capacitors are 0603 and 0805 standard chip capacitors. A 0603 size 20 Ohm Chip resistor from
Vishay is used on the gate D.C. bias line for stability.


Similar Part No. - FPD750SOT89

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - FPD750SOT89

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com