Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2363PCBA Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2363PCBA
Description  DUAL-BAND 3V LOW NOISE AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2363PCBA Datasheet(HTML) 5 Page - RF Micro Devices

  RF2363PCBA Datasheet HTML 1Page - RF Micro Devices RF2363PCBA Datasheet HTML 2Page - RF Micro Devices RF2363PCBA Datasheet HTML 3Page - RF Micro Devices RF2363PCBA Datasheet HTML 4Page - RF Micro Devices RF2363PCBA Datasheet HTML 5Page - RF Micro Devices RF2363PCBA Datasheet HTML 6Page - RF Micro Devices RF2363PCBA Datasheet HTML 7Page - RF Micro Devices RF2363PCBA Datasheet HTML 8Page - RF Micro Devices RF2363PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF2363
Rev B3 DS040114
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF2363 Theory of Operation and Application Information
The RF2363 contains two independent low noise amplifiers which have been optimized for dual-band applications in the GSM
(905MHz to 960MHz) and DCS (1805MHz to 1880MHz) frequency bands. Fabricated using heterojunction bipolar transistor
(HBT) technology, the RF2363 delivers high linear gain at a very low noise figure and low power consumption. Internal temper-
ature compensation keeps the gain tightly controlled over temperature extremes (typically less than 1dB of gain variation from
-40°C to +85°C at 2.8V). A 50
Ω input impedance allows the part to be connected to standard receiver front end filters without
additional matching components.
MODE CONTROL
The RF2363 incorporates two enable pins (EN1 and EN2) for biasing the desired LNA according to the table below.
900MHz LNA
The 900MHz LNA is a single-stage, common emitter amplifier. Since the input pin contains a DC bias, an AC coupling capacitor
is required at this pin. An external bias inductor from the output pin (RF OUT1) to VCC provides DC biasing for the amplifier tran-
sistor and assists in matching the output impedance to the next receiver stage. A capacitor having a good RF bypass character-
istic at the frequency of operation should be placed as close as possible to the supply voltage side of the bias inductor; a low
frequency bypass capacitor should also be included. The EN1 pin supplies VCC to the bias circuits of the LNA and should also
be effectively bypassed with both low and high frequency capacitors.
1900MHz LNA
The 1900MHz LNA is implemented by two common emitter stages in cascade. The first stage is biased through an external
inductor at the EN2 pin. This inductor also acts as an interstage match; a resistor in parallel with the inductor is recommended
to 'de-Q' the inductor, thus providing a broader band interstage match. An external bias inductor from the output pin (RF OUT2)
to VCC provides DC biasing for the second stage transistor and assists in matching the output impedance to the next receiver
stage. Low and high frequency bypass capacitors should be used on the supply side of both the EN2 and RF OUT2 bias induc-
tors. An AC coupling capacitor is required at the RF IN2 pin.
LAYOUT CONSIDERATIONS
To provide optimal balance of gain and linearity, a small amount of inductance is required in the ground traces of the PCB. The
recommended inductance is between 0.5 and 1.0nH, with 0.75nH used on the Evaluation Board. Depending on the applica-
tion, more gain with less linearity or more linearity with less gain may be desired. Appropriate adjustment of the ground induc-
tance can accomplish these objectives. Minimizing the ground inductance will maximize the gain at the expense of linearity
while increasing the ground inductance will increase the linearity at the expense of gain. It is important to remember that the
pin 7 ground inductance affects the performance of both LNAs, while the pin 2 ground inductance affects only the 1900MHz
LNA.
EN1
EN2
Mode
GND
GND
Power Down
GND
VCC
1900MHz LNA On
VCC
GND
900MHz LNA On


Similar Part No. - RF2363PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363PCBA RFMD-RF2363PCBA Datasheet
167Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363PCBA RFMD-RF2363PCBA Datasheet
198Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
More results

Similar Description - RF2363PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2363 RFMD-RF2363 Datasheet
167Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2363 RFMD-RF2363_06 Datasheet
198Kb / 10P
   DUAL-BAND 3V LOW NOISE AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_06 Datasheet
87Kb / 8P
   3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2451 RFMD-RF2451 Datasheet
81Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2371 RFMD-RF2371 Datasheet
63Kb / 8P
   3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374_14 Datasheet
823Kb / 15P
   3V LOW NOISE AMPLIFIER
RF2370 RFMD-RF2370 Datasheet
215Kb / 6P
   3V LOW NOISE AMPLIFIER
RF2374 RFMD-RF2374 Datasheet
159Kb / 8P
   3V LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com