Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2362 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2362
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2362 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2362 Datasheet HTML 2Page - RF Micro Devices RF2362 Datasheet HTML 3Page - RF Micro Devices RF2362 Datasheet HTML 4Page - RF Micro Devices RF2362 Datasheet HTML 5Page - RF Micro Devices RF2362 Datasheet HTML 6Page - RF Micro Devices RF2362 Datasheet HTML 7Page - RF Micro Devices RF2362 Datasheet HTML 8Page - RF Micro Devices RF2362 Datasheet HTML 9Page - RF Micro Devices RF2362 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 of 10
RF2362
Rev A6 DS070816
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Gain versus VPD
(Averaged)
19.00
19.05
19.10
19.15
19.20
19.25
19.30
19.35
19.40
19.45
19.50
19.55
19.60
19.65
19.70
19.75
19.80
2.70
2.80
2.90
3.00
VPD
2.7V Gain (dBm)
3.0V Gain (dBm)
3.3V Gain (dBm)
3.6V Gain (dBm)
OIP3 versus VPD
(Averaged)
23.5
24.0
24.5
25.0
25.5
26.0
26.5
2.7
2.8
2.9
3.0
VPD
2.7V OIP3 (dBm)
3.0V OIP3 (dBm)
3.3V OIP3 (dBm)
3.6V OIP3 (dBm)
P1dB versus VPD
(Averaged)
13.0
13.5
14.0
14.5
15.0
15.5
16.0
2.7
2.8
2.9
3.0
VPD
2.7V P1dB (dBm)
3.0V P1dB (dBm)
3.3V P 1dB (dBm)
3.6V P 1dB (dBm)
Noise Figure versus VPD
2.15
2.16
2.17
2.18
2.19
2.20
2.21
2.22
2.23
2.24
2.25
2.70
2.80
2.90
3.00
VPD
2.7V NF (dB)
3.0V NF (dB)
3.3V NF (dB)
3.6V NF (dB)
ICC versus VPD
(Averaged)
28.0
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
2.7
2.8
2.9
3.0
VPD
2.7V Icc (mA)
3.0V Icc (mA)
3.3V Icc (mA)
3.6V Icc (mA)


Similar Part No. - RF2362

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA RFMD-RF2362PCBA Datasheet
83Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362PCBA RFMD-RF2362PCBA Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2362

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2324 RFMD-RF2324_06 Datasheet
110Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
   PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
   PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
   PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
   PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com