Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL1035CT Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SBL1035CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SBL1035CT Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SBL1035CT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SBL1035CT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BL
Document Number 0266073
1
.
BLGALAXY ELECTRICAL
FEATURES
Metal-Semiconductor junction with guard ring
TO-220AB
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC TO-220AB,molded plastic
Terminals: Leads solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight: 0.08ounce, 2.24 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBL
SBL SBL
SBL
SBL
SBL
SBL
SBL
1030CT 1035CT 1040CT 1045CT 1050CT 1060CT 1080CT10100CT
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
T
C=107
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
T
J=125
Maximum instantaneous forw ard voltage
@ 5.0A
VF
V
Maximum reverse current
@T
C=25
at rated DC blocking voltage @T
C=100
Typical thermal resistance
(Note1)
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
Note: 1. Thermal resistance junction to case.
GALAXY ELECTRICAL
-55--- + 150
30
35
40
45
50
60
80
100
IFSM
30
35
40
45
50
60
80
100
21
25
28
32
35
42
56
70
mA
IR
0.5
A
-55--- + 150
3.0
0.55
0.70
0.85
175
50
SBL1030CT---SBL10100CT
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE: 30 --- 100 V
CURRENT: 10 A
The plastic material carries U/L recognition 94V-0
10
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS


Similar Part No. - SBL1035CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1035CT DIODES-SBL1035CT Datasheet
66Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. C-2
SBL1035CT DIODES-SBL1035CT Datasheet
74Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS23048 Rev. 4 - 2
logo
List of Unclassifed Man...
SBL1035CT ETC2-SBL1035CT Datasheet
103Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Sirectifier Semiconduct...
SBL1035CT SIRECTIFIER-SBL1035CT Datasheet
103Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SBL1035CT LUGUANG-SBL1035CT Datasheet
213Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - SBL1035CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com