Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1630 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SR1630
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SR1630 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SR1630 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SR1630 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pulse width=300
s
1% Duty Cycle
0.1
1.0
10
50
.2
.3
.4
.5
.6
.7
.8
.9
1.0
SR1620-SR1640
TJ=75
TJ=25
TJ=150
1000
1
0.1
0.01
10
100
80
0
20
40
60
100
200
0
1
5
1 0
25
75
50
125
100
150
175
50
100
TJ=TJMAX.
8.3ms Single Half Sine-Wave
(JEDEC Method)
0
3
9
6
15
12
050
100
150
18
Resistive or inductive load
www.galaxycn.com
BLGALAXY ELECTRICAL
Document Number 0266048
2.
RATINGS AND CHARACTERISTIC CURVES
FIG.4 -- PEAK FORWARD SURGE CURRENT
SR1620---SR1660
CASE TEMPERATURE,
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG.2 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 --FORWARD CURRENT DERATING CURVE
NUMBER OF CYCLE AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
SR1650-SR1660


Similar Part No. - SR1630

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1630 BYTES-SR1630 Datasheet
172Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SR1630 JINANJINGHENG-SR1630 Datasheet
85Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
HY ELECTRONIC CORP.
SR1630 HY-SR1630 Datasheet
480Kb / 4P
   Schottky Barrier Recitifiers
logo
Shanghai Lunsure Electr...
SR1630 CHENYI-SR1630 Datasheet
145Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SR1630 CHENG-YI-SR1630 Datasheet
135Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1630

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com