Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1045 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SR1045
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SR1045 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SR1045 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SR1045 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.galaxycn.com
Document Number 0266013
2
.
FIG.4--TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 --TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
RATINGSANDCHARACTERISTICCURVES
AMBIENT TEMPERATURE,
SR1020 --- SR1060
FIG.1 -- FORWARD CURRENT DERATING CURVE
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
50
0
1
100
150
200
510
50
100
TJ=TJMAX
8.3ms Single Half
Sine-Wave
20
0. 0 1
06 0
T J =25
40
100
80
120 140
T J =75
100
10
1. 0
0. 1
0
0
4
6
8
10
2
12
25
50
75
100
125
150
175
200
SR1020 - SR1045
SR1050 - SR1060
Resistive or
Inductive Load
0.375"(9.5mm)
Lead Length
0.1
1.0
50
0.4 0.5
0.6
0.7
1.0 1.1
Pulse width=300 s
1% Duty Cycle
0.8 0.9
1.2
TJ=25℃
10
SR1020 - SR1045
SR1050 - SR1060
BLGALAXY ELECTRICAL


Similar Part No. - SR1045

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1045 BYTES-SR1045 Datasheet
161Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SR1045 CHENDA-SR1045 Datasheet
125Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR1045 DGNJDZ-SR1045 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
Formosa MS
SR1045 FORMOSA-SR1045 Datasheet
38Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR1045 SHUNYE-SR1045 Datasheet
235Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR1045

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com