Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1020 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SR1020
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SR1020 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SR1020 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SR1020 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BL
Document Number 0266013
1
.
BLGALAXY ELECTRICAL
FEATURES
Metal-Semiconductor junction with guard ring
TO - 220AC
Epitaxial construction
Low forward voltage drop,low switching losses
High surge capability
MECHANICAL DATA
Case:JEDEC TO--220AC,molded plastic
Terminals: Leads solderable per
MIL- STD-750,Method 2026
Polarity: As marked
Weight: 0.08 ounces,2.24 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SR
1020
SR
1035
SR
1040
SR
1045
SR
1050
SR
1060
UNITS
Maximum recurrent peak reverse voltage
VRRM
20
35
40
45
50
60
V
Maximum RMS voltage
VRMS
14
25
28
32
35
42
V
Maximum DC blocking voltage
VDC
20
35
40
45
50
60
V
Maximum average forw ard rectified current
(See FIG.1)
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
T
J=125
Maximum instantaneous forw ard voltage
@ 10A (Note1)
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Typical thermal resistance
(Note2)
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
Note: 1. Pulse test:300us pulse width,1% duty cy cle.
GALAXY ELECTRICAL
0.75
-55 --- + 125
-55--- + 150
30
IFSM
SR
1030
30
21
2. Thermal resistance junction to case.
mA
IR
1.0
A
-55--- + 150
2.5
0.65
150.0
50.0
25.0
SR1020 --- SR1060
A
For use in low voltage,high frequency inverters free
xxxx wheeling,and polarity protection applications
IF(AV)
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE: 20 --- 60 V
CURRENT: 10 A
The plastic material carries U/L recognition 94V-0
10.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(mm)


Similar Part No. - SR1020

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR1020 DGNJDZ-SR1020 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
Bytes
SR1020 BYTES-SR1020 Datasheet
161Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SR1020 SAMYANG-SR1020 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SR1020 SEMTECH_ELEC-SR1020 Datasheet
383Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR1020 TSC-SR1020 Datasheet
223Kb / 3P
   10 AMPS. Schottky Barrier Rectifiers High reliability
More results

Similar Description - SR1020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com