Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL101A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # LL101A
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

LL101A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  LL101A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL101A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited LL101A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Forward voltage
-
-
0.41
-
-
0.40
-
-
0.39
-
-
1.00
-
-
0.95
-
-
0.90
Reverse current
-
-
200
-
-
200
-
-
200
Breakdown voltage
60
-
-
50
-
-
40
-
-
Diode capacitance
-
-
2.0
-
-
2.1
-
-
2.2
Reverse recovery time
trr
-
-
1.0
ns
Document Number 026
5014
2.
V
IF=IR=5mA,recover to 0.1iR
www.galaxycn.com
IR
V(BR)
VR=0,f=1MHZ
LL101A
IR=10µA
LL101A
LL101B
IF=1mA
LL101B
VF
IF=1mA
LL101C
IF=15mA
LL101A
V
Test Conditions
IF=1mA
LL101A
LL101C
LL101B
LL101C
CD
BLGALAXYELECTRICAL
VR=50V
LL101A
IF=15mA
LL101C
VR=40V
LL101B
IF=15mA
LL101B
VR=30V
LL101C
pF
n A


Similar Part No. - LL101A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
   Silicon Schottky Barrier Diode for general purpose applications
logo
Shenzhen Luguang Electr...
LL101A LUGUANG-LL101A Datasheet
205Kb / 3P
   Schottky Barrier Rectifiers
logo
General Semiconductor
LL101A GE-LL101A Datasheet
107Kb / 3P
   Schottky Diodes
logo
Gaomi Xinghe Electronic...
LL101A GXELECTRONICS-LL101A Datasheet
313Kb / 2P
   SMALL SINGAL SCHOTTKY DIODES
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
   Surface Mount Si-Schottky Barrier Diodes
More results

Similar Description - LL101A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com