Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SL15101 Datasheet(PDF) 1 Page - SpectraLinear Inc

Part No. SL15101
Description  Programmable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPECTRALINEAR [SpectraLinear Inc]
Homepage  http://www.spectralinear.com
Logo 

SL15101 Datasheet(HTML) 1 Page - SpectraLinear Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rev 1.8, August 10, 2007
Page 1 of 16
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL15101
Programmable Spread Spectrum Clock Generator (SSCG)
Key Features
Low power dissipation
- 7.9mA-typ at 66MHz and VDD=3.3V
- 7.0mA-typ at 66MHz and VDD=2.5V
Wide 2.5V to 3.3V +/-10% power supply range
Programmable 4 outputs from 3 to 200MHz
Low Jitter
- 110ps at 66MHz
Programmable Center or Down Spread Modulation
from 0.25 to 5.0%
8 to 48 MHz external crystal range
8 to 166 MHz external clock range
Integrated internal voltage regulator
Programmable PD#/OE/SSON#/FS functions
Programmable CL at XIN and XOUT pins
Programmable output rise and fall times
Programmable modulation frequency from 30 to
120 kHz
Applications
Printers, MFPs
Digital Copiers
NBPCs and LCD Monitors
Routers, Servers and Switchers
HDTV and DVD-R/W
Description
The SL15101 a programmable low power Spread
Spectrum Clock Generator (SSCG) used for reducing
Electromagnetic Interference (EMI). The product is
designed using SpectraLinear proprietary programmable
EProClock™ phase-locked loop (PLL) and Spread
Spectrum Clock (SSC) technology to synthesize and
modulate the input clock. The modulated clock can
significantly reduce the measured EMI levels, and leading
to the compliance with regulatory agency requirements.
Up to 4 output clock frequencies, Spread %, output rise
and fall times, crystal load, modulation frequency and
PD#/OE/SSON#/FS functions can be programmed to meet
the needs of wide range of applications. The SL15101
operates from 2.5V to 3.3V power supply voltage range.
The product is offered in 8-pin TSSOP package with
commercial and industrial grades.
Refer to SL15L101 Programmable SSCG product for 1.8V
power supply operation.
Benefits
Peak EMI reduction of 8 to 16 dB
Fast time-to-market
Cost Reduction
Reduction of PCB layers
Eleminates the need for higher order crystals (Xtals)
and crystal oscillators (XOs)
Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn