Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2309NZSI-1HT Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # SL2309NZSI-1HT
Description  Low Jitter and Skew DC to 140 MHz Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309NZSI-1HT Datasheet(HTML) 8 Page - SpectraLinear Inc

  SL2309NZSI-1HT Datasheet HTML 1Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 2Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 3Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 4Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 5Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 6Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 7Page - SpectraLinear Inc SL2309NZSI-1HT Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev 1.2, April 28, 2007
Page 8 of 8
SL2309NZ
Ordering Information
[3]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL2309NZSC-1H
SL2304NZSC-1H
Tube
16-pin SOIC
0 to 70°C
SL2309NZSC-1HT
SL2304NZSC-1H
Tape and Reel
16-pin SOIC
0 to 70°C
SL2309NZSI-1H
SL2304NZSI-1H
Tube
16-pin SOIC
-40 to 85°C
SL2309NZSI-1HT
SL2304NZSI-1H
Tape and Reel
16-pin SOIC
-40 to 85°C
Notes:
3. The SL2309NZ products are RoHS compliant.
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use
of any circuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product
is intended for use in normal commercial applications and is not warranted not is it intended for use in life support, critical medical
instruments, or any other application requiring extended temperature range, high reliability, or any other extraordinary environmental
requirements unless pursuant to additional processing by Spectra Linear Inc., and an expressed written agreement by Spectra
Linear Inc. Spectra Linear Inc. reserves the right to change any circuitry or specification without notice.


Similar Part No. - SL2309NZSI-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2309NZSI-1HT SPECTRALINEAR-SL2309NZSI-1HT Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
More results

Similar Description - SL2309NZSI-1HT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com