Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SL15100 Datasheet(PDF) 2 Page - SpectraLinear Inc

Part No. SL15100
Description  Prigrammable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPECTRALINEAR [SpectraLinear Inc]
Homepage  http://www.spectralinear.com
Logo 

SL15100 Datasheet(HTML) 2 Page - SpectraLinear Inc

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev 1.8, August 10, 2007
Page 2 of 16
SL15100
Pin Configuration
8-Pin TSSOP
Pin Description
Pin
Number
Pin Name
Pin Type
Pin Description
1
VDD
Power
Positive power supply.
2
XOUT
Output
Crystal or ceramic resonator output pin. Leave this pin unconnected
(floating) if external clock is used at Pin-3.
3
XIN/CLKIN
Input
Crystal, ceramic resonator or external clock input pin.
4
PD#/OE
Input
User Programmable PD# or OE control pin. Power Down (PD#-Active
Low): If PD#=0(Low), the device is powered down and both SSCLK and
REFOUT outputs are weakly pulled low to VSS. Output Enable (OE-
Active High): If OE=1(High), the SSCLK and REFOUT outputs are
enabled.
PD# or OE is weakly pulled high to VDD.
5
VSS
Power
Power supply ground.
6
SSCLK1 or
REFCLK1
Output
This pin can be programmed as SSCLK1 or REFCLK1.
7
SSCLK2 or
REFCLK2
Output
This pin can be programmed as SSCLK2 or REFCLK2.
8
SSON#/FS
Input
Programmable SSON# or Frequency Select (FS) Control pin. If SSCG#
function is programmed: Spread-on=0(Low) or Spread-off=1(High). If FS
function is programmed: The clock frequencies can be switched between
two sets of frequencies as programmed.
SSON# or FS is weakly pulled low to VSS.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM8760CASpread Spectrum Clock Generator 1 2 3 4 5 MoreNippon Precision Circuits Inc
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88152A-100Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88151ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88153ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25402Two PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY25403Three PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25818_06Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn