Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SL15100 Datasheet(PDF) 15 Page - SpectraLinear Inc

Part No. SL15100
Description  Prigrammable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPECTRALINEAR [SpectraLinear Inc]
Homepage  http://www.spectralinear.com
Logo 

SL15100 Datasheet(HTML) 15 Page - SpectraLinear Inc

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Rev 1.8, August 10, 2007
Page 15 of 16
SL15100
Package Outline and Package Dimensions
8-Pin TSSOP Package (173 Mil)
Thermal Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
JA1
Still air
-
110
-
°C/W
JA2
1m/s air flow
-
100
-
°C/W
Thermal Resistance
Junction to Ambient
JA3
3m/s air flow
-
80
-
°C/W
Thermal Resistance
Junction to Case
JC
Independent of air flow
-
35
-
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM8760CASpread Spectrum Clock Generator 1 2 3 4 5 MoreNippon Precision Circuits Inc
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88152A-100Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88151ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88153ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25402Two PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY25403Three PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25818_06Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn