Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SL15100 Datasheet(PDF) 14 Page - SpectraLinear Inc

Part No. SL15100
Description  Prigrammable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPECTRALINEAR [SpectraLinear Inc]
Homepage  http://www.spectralinear.com
Logo 

SL15100 Datasheet(HTML) 14 Page - SpectraLinear Inc

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Rev 1.8, August 10, 2007
Page 14 of 16
SL15100
Recommended External Crystal Specifications
Parameter
Description
Min
Typ
Max
Unit
Comments
FNOM
Nominal Crystal
Frequency Range
8
-
48
MHz
Fundamental Mode – AT Cut
CL
Nominal Crystal Load
6
12
18
pF
Load for +/-0 ppm Fo resonance
value
R1,1
Equivalent Series
Resistance
20
40
100
Ohm
F-Range: 8.0 to 12.999 MHz
R1,2
Equivalent Series
Resistance
12.5
25
60
Ohm
F-Range: 13.0 to 19.999 MHz
R1,3
Equivalent Series
Resistance
10
20
50
Ohm
F-Range: 20.0 to 48.000 MHz
DL1,1
Crystal Drive Level
-
-
200
µW
F-Range: 8.0 to 19.999 MHz
DL1,2
Crystal Drive Level
-
-
150
µW
F-Range: 20.0 to 48.000 MHz
Co1
Shunt Capacitance
-
4
5.4
pF
SMD Xtals
Co2
Shunt Capacitance
-
5
7.2
pF
Through Hole (Leaded) Xtals
Table 5. Recommended Crystal Specifications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM8760CASpread Spectrum Clock Generator 1 2 3 4 5 MoreNippon Precision Circuits Inc
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88152A-100Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88151ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88153ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25402Two PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY25403Three PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25818_06Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn