Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SL15100 Datasheet(PDF) 12 Page - SpectraLinear Inc

Part No. SL15100
Description  Prigrammable Spread Spectrum Clock Generator (SSCG)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPECTRALINEAR [SpectraLinear Inc]
Homepage  http://www.spectralinear.com
Logo 

SL15100 Datasheet(HTML) 12 Page - SpectraLinear Inc

 
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Rev 1.8, August 10, 2007
Page 12 of 16
SL15100
Cycle-to-Cycle Jitter
(SSCLK – Pin 7)
CCJ2
CLKIN=SSCLK=66MHz, 2%Spread
REFCLK=Off
-
125
160
ps
Cycle-to-Cycle Jitter
(SSCLK – Pin 7)
CCJ3
CLKIN=SSCLK=33MHz, 2%Spread
REFCLK=Off
-
125
160
ps
Cycle-to-Cycle Jitter
(SSCLK – Pin 7)
CCJ4
CLKIN=SSCLK=166MHz, 2%Spread
REFCLK=On
-
145
185
ps
Cycle-to-Cycle Jitter
(SSCLK – Pin 7)
CCJ5
CLKIN=SSCLK=66MHz, 2%Spread
REFCLK=On
-
125
160
ps
Cycle-to-Cycle Jitter
(SSCLK – Pin 7)
CCJ6
CLKIN=SSCLK=33MHz, 2%Spread
REFCLK=On
-
215
280
ps
Cycle-to-Cycle Jitter
(SSCLK – Pin 6)
CCJ7
CLKIN=SSCLK=166MHz, 2%Spread
REFCLK=On
-
105
130
ps
Cycle-to-Cycle Jitter
(SSCLK – Pin 6)
CCJ8
CLKIN=SSCLK=66MHz, 2%Spread
REFCLK=On
-
125
160
ps
Cycle-to-Cycle Jitter
(SSCLK – Pin 6)
CCJ9
CLKIN=SSCLK=33MHz, 2%Spread
REFCLK=On
-
165
220
ps
Power-down Time
tPD
Time from PD# falling edge to Hi-Z at
outputs (Asynchronous)
-
180
350
ns
Power-up Time
(Crystal or Resonator)
tPU1
Time from PD# rising edge to valid
frequency at outputs (Asynchronous)
-
3.5
5.0
ms
Power-up Time
(Clock)
tPU2
Time from PD# rising edge to valid
frequency at outputs (Asynchronous)
-
2.0
3.0
ms
Output Enable Time
tOE
Time from OE falling edge to Hi-Z at
outputs (Asynchronous)
-
180
350
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
outputs (Asynchronous)
-
180
350
ns
Spread Percent Range
SPR
SSCLK-1/2
0.25
-
5.0
%
Spread Percent Variation
SS%
Variation of programmed Spread %
-20
-
20
%
Modulation Frequency
FMOD
Programmable, 31.5 kHz standard
30
31.5
120
kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SM8760CASpread Spectrum Clock Generator 1 2 3 4 5 MoreNippon Precision Circuits Inc
SM560Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor
MB88152A-100Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88151ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
MB88153ASpread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25402Two PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
CY25403Three PLL Programmable Clock Generator with Spread Spectrum 1 2 3 4 5 MoreCypress Semiconductor
MB88155Spread Spectrum Clock Generator 1 2 3 4 5 MoreFujitsu Component Limited.
CY25818_06Spread Spectrum Clock Generator 1 2 3 4 5 MoreCypress Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn