Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23EP09SI-1H Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # SL23EP09SI-1H
Description  Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL23EP09SI-1H Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button SL23EP09SI-1H Datasheet HTML 4Page - SpectraLinear Inc SL23EP09SI-1H Datasheet HTML 5Page - SpectraLinear Inc SL23EP09SI-1H Datasheet HTML 6Page - SpectraLinear Inc SL23EP09SI-1H Datasheet HTML 7Page - SpectraLinear Inc SL23EP09SI-1H Datasheet HTML 8Page - SpectraLinear Inc SL23EP09SI-1H Datasheet HTML 9Page - SpectraLinear Inc SL23EP09SI-1H Datasheet HTML 10Page - SpectraLinear Inc SL23EP09SI-1H Datasheet HTML 11Page - SpectraLinear Inc SL23EP09SI-1H Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Rev 1.1, February 2, 2007
Page 8 of 13
SL23EP09
AC Electrical Specifications (VDD=3.3V and 2.5V) (cont.)
Symbol
Description
Condition
Min
Typ
Max
Unit
tPLLOCK
PLL Lock Time[9]
Time from 90% of VDD to valid clocks on all the
output clocks
1.0
ms
3.3V supply, >66 MHz, <15 pF
–25
50
ps
3.3V supply, >66 MHz, <30 pF, standard drive
65
125
ps
3.3V supply, >66 MHz, <30 pF, high drive
50
100
ps
2.5V supply, >66 MHz, <15 pF, standard drive
35
70
ps
2.5V supply, >66 MHz, <15 pF, high drive
30
60
ps
2.5V supply, >66 MHz, <30 pF, high drive
75
150
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, standard drive
15
40
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, high drive
15
40
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, standard drive
20
50
ps
CCJ
[2,3]
Cycle-to-cycle Jitter
S2:S1 = 1:0 mode, 2.5V, <15pF, high drive
20
50
ps
3.3V supply, 66–100 MHz, <15 pF
20
50
ps
3.3V supply, >100 MHz, <15 pF
15
40
ps
3.3V supply, >66 MHz, <30 pF, standard drive
40
80
ps
3.3V supply, >66 MHz, <30 pF, high drive
30
70
ps
2.5V supply, >66 MHz, <15 pF, standard drive
25
60
ps
2.5V supply, 66–100 MHz, <15 pF, high drive
25
60
ps
2.5V supply, >100 MHz, <15 pF, high drive
15
45
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, standard drive
25
60
ps
S2:S1 = 1:0 mode, 3.3V, <15pF, high drive
25
60
ps
S2:S1 = 1:0 mode, 2.5V, <15pF, standard drive
40
80
ps
PPJ
[2,3]
Peak Period Jitter
S2:S1 = 1:0 mode, 2.5V, <15pF, high drive
40
80
ps
Notes:
3. Typical jitter is measured at 3.3V or 2.5V, 30 C with all outputs driven into the maximum specified load.


Similar Part No. - SL23EP09SI-1H

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP09SI-1H SILABS-SL23EP09SI-1H Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL23EP09SI-1HT SILABS-SL23EP09SI-1HT Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results

Similar Description - SL23EP09SI-1H

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL2305 SPECTRALINEAR-SL2305 Datasheet
167Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL23EP09 SILABS-SL23EP09 Datasheet
201Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com