Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2304NZZC-1ZT Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # SL2304NZZC-1ZT
Description  Low Jitter and Skew DC to 160MHz Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2304NZZC-1ZT Datasheet(HTML) 2 Page - SpectraLinear Inc

  SL2304NZZC-1ZT Datasheet HTML 1Page - SpectraLinear Inc SL2304NZZC-1ZT Datasheet HTML 2Page - SpectraLinear Inc SL2304NZZC-1ZT Datasheet HTML 3Page - SpectraLinear Inc SL2304NZZC-1ZT Datasheet HTML 4Page - SpectraLinear Inc SL2304NZZC-1ZT Datasheet HTML 5Page - SpectraLinear Inc SL2304NZZC-1ZT Datasheet HTML 6Page - SpectraLinear Inc SL2304NZZC-1ZT Datasheet HTML 7Page - SpectraLinear Inc SL2304NZZC-1ZT Datasheet HTML 8Page - SpectraLinear Inc SL2304NZZC-1ZT Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev 1.3, May 16, 2007
Page 2 of 9
SL2304NZ
Pin Configuration
8-Pin TSSOP
Pin Description
Pin
Number
Pin Name
Pin Type
Pin Description
1
CLKIN
Input
Reference Clock Input
2
OE
Output
Output Enable. Refer to the Table. 1 for Logic Table
3
CLK1
Output
Buffered Clock Output 1
4
GND
Power
Power Ground.
5
CLK2
Output
Buffered Clock Output 2
6
VDD
Output
3.3V Power Supply
7
CLK3
Power
Buffered Clock Output 3
8
CLK4
Input
Buffered Clock Output 4


Similar Part No. - SL2304NZZC-1ZT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2304NZZC-1ZT SILABS-SL2304NZZC-1ZT Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
More results

Similar Description - SL2304NZZC-1ZT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com