Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2305SI-1T Datasheet(PDF) 11 Page - SpectraLinear Inc

Part # SL2305SI-1T
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2305SI-1T Datasheet(HTML) 11 Page - SpectraLinear Inc

Back Button SL2305SI-1T Datasheet HTML 3Page - SpectraLinear Inc SL2305SI-1T Datasheet HTML 4Page - SpectraLinear Inc SL2305SI-1T Datasheet HTML 5Page - SpectraLinear Inc SL2305SI-1T Datasheet HTML 6Page - SpectraLinear Inc SL2305SI-1T Datasheet HTML 7Page - SpectraLinear Inc SL2305SI-1T Datasheet HTML 8Page - SpectraLinear Inc SL2305SI-1T Datasheet HTML 9Page - SpectraLinear Inc SL2305SI-1T Datasheet HTML 10Page - SpectraLinear Inc SL2305SI-1T Datasheet HTML 11Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev 1.4, May 25, 2007
Page 11 of 11
SL2305
Ordering Information
[3]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL2305SC-1
SL2305SC-1
Tube
8-pin SOIC
0 to 70°C
SL2305SC-1T
SL2305SC-1
Tape and Reel
8-pin SOIC
0 to 70°C
SL2305SI-1
SL2305SI-1
Tube
8-pin SOIC
-40 to 85°C
SL2305SI-1T
SL2305SI-1
Tape and Reel
8-pin SOIC
-40 to 85°C
SL2305SC-1H
SL2305SC-1H
Tube
8-pin SOIC
0 to 70°C
SL2305SC-1HT
SL2305SC-1H
Tape and Reel
8-pin SOIC
0 to 70°C
SL2305SI-1H
SL2305SI-1H
Tube
8-pin SOIC
-40 to 85°C
SL2305SI-1HT
SL2305SI-1H
Tape and Reel
8-pin SOIC
-40 to 85°C
SL2305ZC-1
SL2305ZC-1
Tube
8-pin TSSOP
0 to 70°C
SL2305ZC-1T
SL2305ZC-1
Tape and Reel
8-pin TSSOP
0 to 70°C
SL2305ZI-1
SL2305ZI-1
Tube
8-pin TSSOP
-40 to 85°C
SL2305ZI-1T
SL2305ZI-1
Tape and Reel
8-pin TSSOP
-40 to 85°C
SL2305ZC-1H
SL2305ZC-1H
Tube
8-pin TSSOP
0 to 70°C
SL2305ZC-1HT
SL2305ZC-1H
Tape and Reel
8-pin TSSOP
0 to 70°C
SL2305ZI-1H
SL2305ZI-1H
Tube
8-pin TSSOP
-40 to 85°C
SL2305ZI-1HT
SL2305ZI-1H
Tape and Reel
8-pin TSSOP
-40 to 85°C
Notes:
3. The SL2305 products are RoHS compliant.
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any
circuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for
use in normal commercial applications and is not warranted not is it intended for use in life support, critical medical instruments, or any other
application requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to
additional processing by Spectra Linear Inc., and an expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the
right to change any circuitry or specification without notice.


Similar Part No. - SL2305SI-1T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2305SI-1T SILABS-SL2305SI-1T Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
More results

Similar Description - SL2305SI-1T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SL2309 ETC2-SL2309 Datasheet
248Kb / 12P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
logo
Silicon Laboratories
SL2305 SILABS-SL2305 Datasheet
156Kb / 11P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
SL2309 SILABS-SL2309 Datasheet
562Kb / 13P
   Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer
logo
SpectraLinear Inc
SL2309 SPECTRALINEAR-SL2309 Datasheet
142Kb / 12P
   Low Jitter and Skew 10 to 140MHz Zero Delay Buffer (ZDB)
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP05 SILABS-SL23EP05 Datasheet
284Kb / 15P
   LOW JITTER AND SKEW 10 TO 220 MHZ ZERO DELAY BUFFER
SL23EP08 SILABS-SL23EP08 Datasheet
227Kb / 15P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com