Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2304NZ Datasheet(PDF) 9 Page - SpectraLinear Inc

Part # SL2304NZ
Description  Low Jitter and Skew DC to 160MHz Clock Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2304NZ Datasheet(HTML) 9 Page - SpectraLinear Inc

  SL2304NZ Datasheet HTML 1Page - SpectraLinear Inc SL2304NZ Datasheet HTML 2Page - SpectraLinear Inc SL2304NZ Datasheet HTML 3Page - SpectraLinear Inc SL2304NZ Datasheet HTML 4Page - SpectraLinear Inc SL2304NZ Datasheet HTML 5Page - SpectraLinear Inc SL2304NZ Datasheet HTML 6Page - SpectraLinear Inc SL2304NZ Datasheet HTML 7Page - SpectraLinear Inc SL2304NZ Datasheet HTML 8Page - SpectraLinear Inc SL2304NZ Datasheet HTML 9Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev 1.3, May 16, 2007
Page 9 of 9
SL2304NZ
Ordering Information
[3]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL2304NZZC-1
SL2304NZZC-1
Tube
8-pin TSSOP
0 to 70°C
SL2304NZZC-1T
SL2304NZZC-1
Tape and Reel
8-pin TSSOP
0 to 70°C
SL2304NZZI-1
SL2304NZZI-1
Tube
8-pin TSSOP
-40 to 85°C
SL2304NZZI-1T
SL2304NZZI-1
Tape and Reel
8-pin TSSOP
-40 to 85°C
SL2304NZZC-1Z
SL2304NZZC-1Z
Tube
8-pin TSSOP
0 to 70°C
SL2304NZZC-1ZT
SL2304NZZC-1Z
Tape and Reel
8-pin TSSOP
0 to 70°C
SL2304NZZI-1Z
SL2304NZZI-1Z
Tube
8-pin TSSOP
-40 to 85°C
SL2304NZZI-1ZT
SL2304NZZI-1Z
Tape and Reel
8-pin TSSOP
-40 to 85°C
Notes:
3. The SL2304NZ products are RoHS compliant.
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use
of any circuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product
is intended for use in normal commercial applications and is not warranted not is it intended for use in life support, critical medical
instruments, or any other application requiring extended temperature range, high reliability, or any other extraordinary environmental
requirements unless pursuant to additional processing by Spectra Linear Inc., and an expressed written agreement by Spectra
Linear Inc. Spectra Linear Inc. reserves the right to change any circuitry or specification without notice.


Similar Part No. - SL2304NZ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL2304NZZC-1 SILABS-SL2304NZZC-1 Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL2304NZZC-1T SILABS-SL2304NZZC-1T Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL2304NZZC-1Z SILABS-SL2304NZZC-1Z Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL2304NZZC-1ZT SILABS-SL2304NZZC-1ZT Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
More results

Similar Description - SL2304NZ

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL23EP09NZ SPECTRALINEAR-SL23EP09NZ Datasheet
132Kb / 11P
   Low Jitter and Skew DC to 220MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
SpectraLinear Inc
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com