Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2309NZSC-1HT Datasheet(PDF) 1 Page - SpectraLinear Inc

Part # SL2309NZSC-1HT
Description  Low Jitter and Skew DC to 220MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309NZSC-1HT Datasheet(HTML) 1 Page - SpectraLinear Inc

  SL2309NZSC-1HT Datasheet HTML 1Page - SpectraLinear Inc SL2309NZSC-1HT Datasheet HTML 2Page - SpectraLinear Inc SL2309NZSC-1HT Datasheet HTML 3Page - SpectraLinear Inc SL2309NZSC-1HT Datasheet HTML 4Page - SpectraLinear Inc SL2309NZSC-1HT Datasheet HTML 5Page - SpectraLinear Inc SL2309NZSC-1HT Datasheet HTML 6Page - SpectraLinear Inc SL2309NZSC-1HT Datasheet HTML 7Page - SpectraLinear Inc SL2309NZSC-1HT Datasheet HTML 8Page - SpectraLinear Inc SL2309NZSC-1HT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 1.1, May 18, 2007
Page 1 of 11
2200 Laurelwood Road, Santa Clara, CA 95054 Tel: (408) 855-0555 Fax: (408) 855-0550 www.SpectraLinear.com
SL23EP09NZ
Low Jitter and Skew DC to 220 MHz Clock Buffer
Key Features
DC to 220 MHz operating frequency range
Low output clock skew: 70ps-typ
Low part-to-part output skew: 100 ps-typ
3.3V to 2.5V operation supply voltage range
Low power dissipation:
- 9 mA-typ at 33MHz
- 11 mA-typ at 66MHz
- 15 mA-typ at 166MHz
One input to nine (9) output fanout buffer drivers
Available in 16-pin SOIC package
Available in Commercial and Industrial grades
Available in Lead (Pb) free package
Applications
General Purpose PCI/PCI-X Clock Buffer
Printers, MFPs and Digital Copiers
PCs and Work Stations
Routers, Switchers and Servers
Datacom and Telecom
High-Speed Digital Embeded Systems
Description
The SL23EP09NZ is a low skew, jitter and power fanout
buffer designed to produce up to nine (9) clock outputs
from one (1) reference input clock, for high speed clock
distribution.
The SL23EP09NZ products operate from DC to 140MHz.
Refer to SL2309NZ product for DC to 140MHz-max
frequency range. Also refer to SL2304NZ or SL23EP04NZ
products for 1:4 clock fanout buffers from 2.5V to 3.3V
power supply and DC to 220MHZ frequency range.
Benefits
Up to nine (9) distribution of input clock
Low skew
Low Jitter
Low power dissipation
Block Diagram


Similar Part No. - SL2309NZSC-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2309NZSC-1HT SPECTRALINEAR-SL2309NZSC-1HT Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
More results

Similar Description - SL2309NZSC-1HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com