Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2461 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2461
Description  CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2461 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2461_1 Datasheet HTML 1Page - RF Micro Devices RF2461_1 Datasheet HTML 2Page - RF Micro Devices RF2461_1 Datasheet HTML 3Page - RF Micro Devices RF2461_1 Datasheet HTML 4Page - RF Micro Devices RF2461_1 Datasheet HTML 5Page - RF Micro Devices RF2461_1 Datasheet HTML 6Page - RF Micro Devices RF2461_1 Datasheet HTML 7Page - RF Micro Devices RF2461_1 Datasheet HTML 8Page - RF Micro Devices RF2461_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
IF2+
15
IF2-
14
BYPASS
13
IF1+
12
IF1-
11
10
9
8
7
6
GND1B
5
VCC1
4
LNA IN
3
MIX GAIN
2
LNA GAIN
1
20
19
18
17
16
RF2461
CDMA/FM LOW NOISE AMPLIFIER/MIXER
900MHz DOWNCONVERTER
The RF2461 is a receiver front-end designed for the receive section of dual-mode
CDMA/FM cellular applications. It is designed to amplify and downconvert RF sig-
nals, while providing 30dB of stepped gain control range. Features include digital
control of LNA gain, mixer gain, and power down mode. Another feature of the chip
is adjustable IIP3 of the LNA and mixer using an off-chip current setting resistor.
Noise figure, IP3, and gain are designed to be compatible with the IS-98B interim
standard for CDMA cellular communications. The IC is manufactured on an
advanced Silicon Germanium Bi-CMOS process and is assembled in a 4mmx4mm,
20-pin, QFN package.
Features
Complete Receiver Front-End
Stepped LNA/Mixer Gain Con-
trol
Adjustable LNA/Mixer Bias
Current
Adjustable LNA/Mixer IIP3
Meets IMD Tests with Three
Gain States/Two Logic Con-
trol Lines
Applications
CDMA/FM (AMPS) Systems
Dual-Mode TACS/JCDMA Sys-
tems
General Purpose Downcon-
verter
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
RF2461CDMA/FM Low Noise Amplifier/Mixer 900MHz Downconverter
RF2461PCBA-41X
Fully Assembled Evaluation Board
Rev B6 DS060925
RoHS Compliant & Pb-Free Product
Package: QFN, 20-Pin, 4x4


Similar Part No. - RF2461_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2461PCBA-41X RFMD-RF2461PCBA-41X Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results

Similar Description - RF2461_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com