Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2484PCBA-410 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2484PCBA-410
Description  DIRECT QUADRATURE MODULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2484PCBA-410 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2484PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 9Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 10Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 11Page - RF Micro Devices RF2484PCBA-410 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
RF2484
Rev A7 DS061115
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
-45°
+45°
5
13
12
11
10
14
7
8
6
9
15
16
1
2
3
4
LO
VCC
PD
RF OUT
VCC
QSIG
ISIG
QREF
IREF
100 nF
3 pF
100 nF
3 pF
100 nF
3 pF
100 nF
100 nF
Σ


Similar Part No. - RF2484PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2484PCBA-410 RFMD-RF2484PCBA-410 Datasheet
185Kb / 10P
   DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2484PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484 Datasheet
156Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_06 Datasheet
185Kb / 10P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_1 Datasheet
196Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com