Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS400ZXC Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY28RS400ZXC
Description  Clock Generator for ATI RS400 Chipset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28RS400ZXC Datasheet(HTML) 8 Page - SpectraLinear Inc

Back Button CY28RS400ZXC Datasheet HTML 4Page - SpectraLinear Inc CY28RS400ZXC Datasheet HTML 5Page - SpectraLinear Inc CY28RS400ZXC Datasheet HTML 6Page - SpectraLinear Inc CY28RS400ZXC Datasheet HTML 7Page - SpectraLinear Inc CY28RS400ZXC Datasheet HTML 8Page - SpectraLinear Inc CY28RS400ZXC Datasheet HTML 9Page - SpectraLinear Inc CY28RS400ZXC Datasheet HTML 10Page - SpectraLinear Inc CY28RS400ZXC Datasheet HTML 11Page - SpectraLinear Inc CY28RS400ZXC Datasheet HTML 12Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY28RS400
Rev 1.0, November 22, 2006
Page 8 of 18
Crystal Recommendations
The CY28RS400 requires a Parallel Resonance Crystal.
Substituting a series resonance crystal will cause the
CY28RS400 to operate at the wrong frequency and violate the
ppm specification. For most applications there is a 300-ppm
frequency shift between series and parallel crystals due to
incorrect loading.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL).
The following diagram shows a typical crystal configuration
using the two trim capacitors. An important clarification for the
following discussion is that the trim capacitors are in series
with the crystal not parallel. It’s a common misconception that
load capacitors are in parallel with the crystal and should be
approximately equal to the load capacitance of the crystal.
This is not true.
Calculating Load Capacitors
In addition to the standard external trim capacitors, trace
capacitance and pin capacitance must also be considered to
correctly calculate crystal loading. As mentioned previously,
the capacitance on each side of the crystal is in series with the
crystal. This means the total capacitance on each side of the
crystal must be twice the specified crystal load capacitance
(CL). While the capacitance on each side of the crystal is in
series with the crystal, trim capacitors (Ce1,Ce2) should be
calculated to provide equal capacitive loading on both sides.
Table 6. Crystal Recommendations
Frequency
(Fund)
Cut
Loading
Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm
Figure 1. Crystal Capacitive Clarification
XTAL
Ce2
Ce1
Cs1
Cs2
X1
X2
Ci1
Ci2
Clock Chip
Trace
2.8pF
Trim
33pF
Pin
3 to 6p
Figure 2. Crystal Loading Example


Similar Part No. - CY28RS400ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS400ZXC CYPRESS-CY28RS400ZXC Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
CY28RS400ZXCT CYPRESS-CY28RS400ZXCT Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
More results

Similar Description - CY28RS400ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
CY28RS480 CYPRESS-CY28RS480 Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
logo
Renesas Technology Corp
IDTCV136 RENESAS-IDTCV136 Datasheet
268Kb / 20P
   PROGRAMMABLE FLEXPC™ CLOCK FOR ATI RS400
MAY 2005
ICS951411 RENESAS-ICS951411 Datasheet
386Kb / 20P
   System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951411 ICST-ICS951411 Datasheet
197Kb / 19P
   System Clock Chip for ATI RS400 P4TM-based Systems
logo
Renesas Technology Corp
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
   Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
   Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com