Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS400OXC Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY28RS400OXC
Description  Clock Generator for ATI RS400 Chipset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28RS400OXC Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY28RS400OXC Datasheet HTML 1Page - SpectraLinear Inc CY28RS400OXC Datasheet HTML 2Page - SpectraLinear Inc CY28RS400OXC Datasheet HTML 3Page - SpectraLinear Inc CY28RS400OXC Datasheet HTML 4Page - SpectraLinear Inc CY28RS400OXC Datasheet HTML 5Page - SpectraLinear Inc CY28RS400OXC Datasheet HTML 6Page - SpectraLinear Inc CY28RS400OXC Datasheet HTML 7Page - SpectraLinear Inc CY28RS400OXC Datasheet HTML 8Page - SpectraLinear Inc CY28RS400OXC Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY28RS400
Rev 1.0, November 22, 2006
Page 5 of 18
Control Registers
Byte 0:Control Register 0
Bit
@Pup
Name
Description
7
1
SRC[T/C]5
SRC[T/C]5 Output Enable
0 = Disable (Hi-Z), 1 = Enable
6
1
SRC[T/C]4
SRC[T/C]4 Output Enable
0 = Disable (Hi-Z), 1 = Enable
5
1
SRC[T/C]3
SRC[T/C]3 Output Enable
0 = Disable (Hi-Z), 1 = Enable
4
1
SRC[T/C]2
SRC[T/C]2 Output Enable
0 = Disable (Hi-Z), 1 = Enable
3
1
SRC[T/C]1
SRC[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enable
2
1
SRC [T/C]0
SRC[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enable
1
1
SRCS[T/C]1
SRCS[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enable
0
1
SRCS[T/C]0
SRCS[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enable
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
1
REF2
REF2 Output Enable
0 = Disable, 1 = Enable
6
1
REF1
REF1 Output Enable
0 = Disable, 1 = Enable
5
1
REF0
REF0 Output Enable
0 = Disable, 1 = Enable
4
1
PCI0
PCI0 Output Enable
0 = Disable, 1 = Enable
3
1
USB_48
USB_48MHz Output Enable
0 = Disable, 1 = Enable
2
1
CPU[T/C]2
CPU[T/C]2 Output Enable
0 = Disable (Hi-Z), 1 = Enable
1
1
CPU[T/C]1
CPU[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enable
0
1
CPU[T/C]0
CPU[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enable
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
1
CPUT/C
SRCT/C
Spread Spectrum Selection
‘0’ = -0.35%
‘1’ = -0.50%
6
1
USB_48
48MHz Output Drive Strength
0 = 1x, 1 = 2x
5
1
PCI
33MHz Output Drive Strength
0 = 1x, 1 = 2x
4
0
Reserved
Reserved
3
1
Reserved
Reserved
20
CPU
SRC
CPU/SRC Spread Spectrum Enable
0 = Spread off, 1 = Spread on
1
1
Reserved
Reserved


Similar Part No. - CY28RS400OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS400OXC CYPRESS-CY28RS400OXC Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
CY28RS400OXCT CYPRESS-CY28RS400OXCT Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
More results

Similar Description - CY28RS400OXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
CY28RS480 CYPRESS-CY28RS480 Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
logo
Renesas Technology Corp
IDTCV136 RENESAS-IDTCV136 Datasheet
268Kb / 20P
   PROGRAMMABLE FLEXPC™ CLOCK FOR ATI RS400
MAY 2005
ICS951411 RENESAS-ICS951411 Datasheet
386Kb / 20P
   System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951411 ICST-ICS951411 Datasheet
197Kb / 19P
   System Clock Chip for ATI RS400 P4TM-based Systems
logo
Renesas Technology Corp
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
   Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
   Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com