Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWS419 Datasheet(PDF) 4 Page - Hexawave, Inc

Part # HWS419
Description  GaAs DC-6 GHz DP4T Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWS419 Datasheet(HTML) 4 Page - Hexawave, Inc

  HWS419 Datasheet HTML 1Page - Hexawave, Inc HWS419 Datasheet HTML 2Page - Hexawave, Inc HWS419 Datasheet HTML 3Page - Hexawave, Inc HWS419 Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HWS419
!
!
July 2004 V1
Hexawave Inc. 2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
All specifications are subject to change without notice.
Application Information (Continued)
Simplified Application Block Diagram Between HWS419 and WLAN 802.11 a/b/g RFIC
Note:
1. VC1 and VC3 are used for antenna selection, while VC2 and VC4 are used for band selection.
2. LB_RX stands for low-band(2.5GHz band) receiving port and HB_TX stands for high-band(5.85GHz
band) transmitting port.
3. RF paths between switch and RFIC may include amplifiers, filters, and baluns.
Logic Table for Switch On-Path
VC1
(AntennaSelect)
VC3
(AntennaSelectInv)
VC2
(BandSelect)
VC4
(BandSelectInv)
ANT1
ANT2
0
1
1
0
RF1(HB_RX)
RF4(HB_TX)
1
0
1
0
RF4(HB_TX)
RF1(HB_RX)
0
1
0
1
RF2(LB_RX)
RF3(LB_TX)
1
0
0
1
RF3(LB_TX)
RF2(LB_RX)
ANT2
LB_RX
HWS419 DP4T Switch
ANT1
HB_RX
LB_TX
HB_TX
VC1 VC3
VC4
VC2
RF1
RF3
RF4
WLAN 802.11a/b/g
RFIC
Antenna
Select
Band
Select
RF2
Antenna
SelectInv
Band
SelectInv


Similar Part No. - HWS419

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS410 HW-HWS410 Datasheet
73Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS411 HW-HWS411 Datasheet
121Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS412 HW-HWS412 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS415 HW-HWS415 Datasheet
77Kb / 2P
   GaAs DC-6 GHz DPDT Switch
More results

Similar Description - HWS419

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS379 HW-HWS379 Datasheet
113Kb / 4P
   GaAs DC-6 GHz DP4T Switch
HWS454 HW-HWS454 Datasheet
192Kb / 4P
   GaAs DC-6 GHz DP4T Switch
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
   GaAs SPST Switch DC-6 GHz
logo
Hexawave, Inc
HWS453_V3 HW-HWS453_V3_15 Datasheet
61Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS436_V3 HW-HWS436_V3_15 Datasheet
73Kb / 3P
   GaAs DC-6 GHz DPDT Switch
HWS410_V4 HW-HWS410_V4_15 Datasheet
59Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS415 HW-HWS415 Datasheet
77Kb / 2P
   GaAs DC-6 GHz DPDT Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS382 HW-HWS382 Datasheet
119Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS383 HW-HWS383 Datasheet
121Kb / 2P
   GaAs DC-6 GHz DPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com