Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS400ZCT Datasheet(PDF) 3 Page - SpectraLinear Inc

Part # CY28RS400ZCT
Description  Clock Generator for ATI RS400 Chipset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY28RS400ZCT Datasheet(HTML) 3 Page - SpectraLinear Inc

  CY28RS400ZCT Datasheet HTML 1Page - SpectraLinear Inc CY28RS400ZCT Datasheet HTML 2Page - SpectraLinear Inc CY28RS400ZCT Datasheet HTML 3Page - SpectraLinear Inc CY28RS400ZCT Datasheet HTML 4Page - SpectraLinear Inc CY28RS400ZCT Datasheet HTML 5Page - SpectraLinear Inc CY28RS400ZCT Datasheet HTML 6Page - SpectraLinear Inc CY28RS400ZCT Datasheet HTML 7Page - SpectraLinear Inc CY28RS400ZCT Datasheet HTML 8Page - SpectraLinear Inc CY28RS400ZCT Datasheet HTML 9Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY28RS400
Rev 1.0, November 22, 2006
Page 3 of 18
Frequency Select Pins (FS_A, FS_B, FS_C and
409_410)
Host clock frequency selection is achieved by applying the
appropriate logic levels to FS_A, FS_B, FS_C and 409_410
inputs prior to VTT_PWRGD# assertion (as seen by the clock
synthesizer). Upon VTT_PWRGD# being sampled low by the
clock chip (indicating processor VTT voltage is stable), the
clock chip samples the FS_A, FS_B, FS_C and 409_410 input
values. For all logic levels of FS_A, FS_B, FS_C and 409_410
VTT_PWRGD# employs a one-shot functionality in that once
a valid low on VTT_PWRGD# has been sampled, all further
VTT_PWRGD#, FS_A, FS_B, FS_C and 409-410 transitions
will be ignored. There are 2 CPU frequency select tables. One
based on the CK409 specifications and one based on the
CK410 specifications. The table to be used is determined by
the value latched on the PCI0/409_410 pin by the
VTT_PWRGD/PD# pin. A '0' on this pin selects the 410
frequency table and a '1' on this pin selects the 409 frequency
table. In the 409 table, only the FS_A and FS_B pins influence
the frequency selection.
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initializes to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface cannot be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, the bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. For byte write and byte read operations, the
system controller can access individually indexed bytes. The
offset of the indexed byte is encoded in the command code,
as described in Table 3.
The block write and block read protocol is outlined in Table 4
while Table 5 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h).
Table 1. Frequency Select Table (FS_A FS_B FS_C) 410 mode, 409_410 = 0
FS_C
FS_B
FS_A
CPU
SRC
PCIF/PCI
REF0
USB
1
0
1
100 MHz
100 MHz
33 MHz
14.318 MHz
48 MHz
0
0
1
133 MHz
100 MHz
33 MHz
14.318 MHz
48 MHz
0
1
0
200 MHz
100 MHz
33 MHz
14.318 MHz
48 MHz
0
0
0
266 MHz
100 MHz
33 MHz
14.318 MHz
48 MHz
1
1
1
Reserved
100 MHz
33 MHz
14.318 MHz
48 MHz
Table 2. Frequency Select Table (FS_A FS_B) 410 mode, 409_410 = 1
FS_B
FS_A
CPU
SRC
PCIF/PCI
REF0
USB
0
0
100 MHz
100 MHz
33 MHz
14.318 MHz
48 MHz
0
1
133 MHz
100 MHz
33 MHz
14.318 MHz
48 MHz
1
0
200 MHz
100 MHz
33 MHz
14.318 MHz
48 MHz
Table 3. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation
(6:5)
Chip select address, set to ‘00’ to access device
(4:0)
Byte offset for byte read or byte write operation. For block read or block write operations, these bits should be '00000'
Table 4. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1Start
1
Start
8:2
Slave address – 7 bits
8:2
Slave address – 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code – 8 bits
18:11
Command Code – 8 bits
19
Acknowledge from slave
19
Acknowledge from slave


Similar Part No. - CY28RS400ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS400ZCT CYPRESS-CY28RS400ZCT Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
More results

Similar Description - CY28RS400ZCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
CY28RS480 CYPRESS-CY28RS480 Datasheet
217Kb / 15P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
logo
Renesas Technology Corp
IDTCV136 RENESAS-IDTCV136 Datasheet
268Kb / 20P
   PROGRAMMABLE FLEXPC™ CLOCK FOR ATI RS400
MAY 2005
ICS951411 RENESAS-ICS951411 Datasheet
386Kb / 20P
   System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951411 ICST-ICS951411 Datasheet
197Kb / 19P
   System Clock Chip for ATI RS400 P4TM-based Systems
logo
Renesas Technology Corp
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
   Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
   Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com